Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4816BDY Arkusz danych(PDF) 7 Page - Vishay Siliconix

Numer części SI4816BDY
Szczegółowy opis  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4816BDY Arkusz danych(HTML) 7 Page - Vishay Siliconix

  SI4816BDY Datasheet HTML 1Page - Vishay Siliconix SI4816BDY Datasheet HTML 2Page - Vishay Siliconix SI4816BDY Datasheet HTML 3Page - Vishay Siliconix SI4816BDY Datasheet HTML 4Page - Vishay Siliconix SI4816BDY Datasheet HTML 5Page - Vishay Siliconix SI4816BDY Datasheet HTML 6Page - Vishay Siliconix SI4816BDY Datasheet HTML 7Page - Vishay Siliconix SI4816BDY Datasheet HTML 8Page - Vishay Siliconix SI4816BDY Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Si4816BDY
Vishay Siliconix
New Product
Document Number: 73026
S-41510—Rev. A, 09-Aug-04
www.vishay.com
7
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
CHANNEL-2
Time (sec)
0
25
50
75
100
125
150
VDS = 30 V
10
1
0.00001
Reverse Current vs. Junction Temperature
TJ − Temperature (_C)
0.00
0.01
0.02
0.03
0.04
0.05
0
2468
10
On-Resistance vs. Gate-to-Source Voltage
VGS − Gate-to-Source Voltage (V)
ID = 9.5 A
0.001
0
1
100
40
60
10
0.1
Single Pulse Power, Junction-to-Ambient
20
80
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TJ = 150_C
40
10
1
Source-Drain Diode Forward Voltage
VSD − Source-to-Drain Voltage (V)
TJ = 25_C
0.01
Safe Operating Area
100
1
0.1
1
10
100
0.01
10
TC = 25_C
Single Pulse
0.1
IDM Limited
ID(on)
Limited
*rDS(on) Limited
BVDSS Limited
1 ms
10 ms
100 ms
dc
VDS = 24 V
1
0.1
0.01
0.0001
0.001
1 s
10 s
VDS − Drain-to-Source Voltage (V)
*VGS u minimum VGS at which rDS(on) is specified


Podobny numer części - SI4816BDY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI4816BDY VISHAY-SI4816BDY Datasheet
264Kb / 13P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 09-Mar-0
SI4816BDY VISHAY-SI4816BDY Datasheet
198Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI4816BDY-T1-E3 VISHAY-SI4816BDY-T1-E3 Datasheet
264Kb / 13P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 09-Mar-0
SI4816BDY-T1-GE3 VISHAY-SI4816BDY-T1-GE3 Datasheet
264Kb / 13P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 09-Mar-0
logo
TECH PUBLIC Electronics...
SI4816BDY-T1-GE3 TECHPUBLIC-SI4816BDY-T1-GE3 Datasheet
4Mb / 11P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
More results

Podobny opis - SI4816BDY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com