Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4816BDY Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SI4816BDY
Szczegółowy opis  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4816BDY Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SI4816BDY Datasheet HTML 1Page - Vishay Siliconix SI4816BDY Datasheet HTML 2Page - Vishay Siliconix SI4816BDY Datasheet HTML 3Page - Vishay Siliconix SI4816BDY Datasheet HTML 4Page - Vishay Siliconix SI4816BDY Datasheet HTML 5Page - Vishay Siliconix SI4816BDY Datasheet HTML 6Page - Vishay Siliconix SI4816BDY Datasheet HTML 7Page - Vishay Siliconix SI4816BDY Datasheet HTML 8Page - Vishay Siliconix SI4816BDY Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
D LITTLE FOOTr Plus Power MOSFET
D 100% Rg Tested
G2
S2
N-Channel 2
MOSFET
Schottky Diode
A
G1
D1
N-Channel 1
MOSFET
S1/D2
Si4816BDY
Vishay Siliconix
New Product
Document Number: 73026
S-41510—Rev. A, 09-Aug-04
www.vishay.com
1
Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
Qg (Typ)
Channel-1
0.0185 @ VGS = 10 V
6.8
78
Channel-1
30
0.0225 @ VGS = 4.5 V
6.0
7.8
Channel 2
30
0.0115 @ VGS = 10 V
11.4
11 6
Channel-2
0.016 @ VGS = 4.5 V
9.5
11.6
SCHOTTKY PRODUCT SUMMARY
VDS (V)
VSD (V)
Diode Forward Voltage
IF (A)
30
0.50 V @ 1.0 A
2.0
G1
D1
A/S2
D2/S1
A/S2
D2/S1
G2
D2/S1
SO-8
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4816BDY—E3
Si4816BDY-T1—E3 (with Tape and Reel)
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Channel-1
Channel-2
Parameter
Symbol
10 secs
Steady State
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
20
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
6.8
5.8
11.4
8.2
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
5.5
4.6
9.0
6.5
A
Pulsed Drain Current
IDM
30
40
A
Continuous Source Current (Diode Conduction)a
IS
1
0.9
2.2
1.15
Maximum Power Dissipationa
TA = 25_C
PD
1.4
1.0
2.4
1.25
W
Maximum Power Dissipationa
TA = 70_C
PD
0.9
0.64
1.5
0.8
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
_C
THERMAL RESISTANCE RATINGS
Channel-1
Channel-2
Schottky
Parameter
Symbol
Typ
Max
Typ
Max
Typ
Max
Unit
Mi
J
ti
t A bi ta
t v 10 sec
R
72
90
43
53
48
60
Maximum Junction-to-Ambienta
Steady-State
RthJA
100
125
82
100
80
100
_C/W
Maximum Junction-to-Foot (Drain)
Steady-State
RthJF
51
63
25
30
28
35
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Podobny numer części - SI4816BDY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI4816BDY VISHAY-SI4816BDY Datasheet
264Kb / 13P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 09-Mar-0
SI4816BDY VISHAY-SI4816BDY Datasheet
198Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI4816BDY-T1-E3 VISHAY-SI4816BDY-T1-E3 Datasheet
264Kb / 13P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 09-Mar-0
SI4816BDY-T1-GE3 VISHAY-SI4816BDY-T1-GE3 Datasheet
264Kb / 13P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 09-Mar-0
logo
TECH PUBLIC Electronics...
SI4816BDY-T1-GE3 TECHPUBLIC-SI4816BDY-T1-GE3 Datasheet
4Mb / 11P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
More results

Podobny opis - SI4816BDY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com