Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC4016J Arkusz danych(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części 74HC4016J
Szczegółowy opis  Quad Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

74HC4016J Arkusz danych(HTML) 1 Page - National Semiconductor (TI)

  74HC4016J Datasheet HTML 1Page - National Semiconductor (TI) 74HC4016J Datasheet HTML 2Page - National Semiconductor (TI) 74HC4016J Datasheet HTML 3Page - National Semiconductor (TI) 74HC4016J Datasheet HTML 4Page - National Semiconductor (TI) 74HC4016J Datasheet HTML 5Page - National Semiconductor (TI) 74HC4016J Datasheet HTML 6Page - National Semiconductor (TI) 74HC4016J Datasheet HTML 7Page - National Semiconductor (TI) 74HC4016J Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF5350
August 1989
MM54HC4016MM74HC4016
Quad Analog Switch
General Description
These devices are digitally controlled analog switches im-
plemented in advanced silicon-gate CMOS technology
These switches have low ‘‘on’’ resistance and low ‘‘off’’
leakages They are bidirectional switches thus any analog
input may be used as an output and vice-versa The ‘4016
devices allow control of up to 12V (peak) analog signals
with digital control signals of the same range Each switch
has its own control input which disables each switch when
low All analog inputs and outputs and digital inputs are pro-
tected from electrostatic damage by diodes to VCC and
ground
Features
Y
Typical switch enable time 15 ns
Y
Wide analog input voltage range 0 – 12V
Y
Low ‘‘on’’ resistance 50X typ
Y
Low quiescent current 80 mA maximum (74HC)
Y
Matched switch characteristics
Y
Individual switch controls
Connection Diagram
Dual-In-Line Package
TLF5350 – 1
Top View
Order Number MM54HC4016 or MM74HC4016
Schematic Diagram
TLF5350 – 2
Truth Table
Input
Switch
CTL
IO-OI
L
‘‘OFF’’
H
‘‘ON’’
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Podobny numer części - 74HC4016J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74HC4016J ONSEMI-74HC4016J Datasheet
349Kb / 11P
   Quad Analog Switch/ Multiplexer/Demultiplexer
REV 6
More results

Podobny opis - 74HC4016J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
MM74HC4066 FAIRCHILD-MM74HC4066_05 Datasheet
124Kb / 10P
   Quad Analog Switch
logo
Rohm
BU4066BC ROHM-BU4066BC_14 Datasheet
1Mb / 20P
   Quad-Analog Switch
logo
Fairchild Semiconductor
MM74HC4066 FAIRCHILD-MM74HC4066 Datasheet
122Kb / 10P
   Quad Analog Switch
logo
Rohm
BU4066BC ROHM-BU4066BC Datasheet
91Kb / 5P
   Quad analog switch
logo
Fairchild Semiconductor
74VHC4066 FAIRCHILD-74VHC4066_05 Datasheet
122Kb / 9P
   Quad Analog Switch
74VHC4066 FAIRCHILD-74VHC4066 Datasheet
106Kb / 9P
   Quad Analog Switch
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
logo
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
logo
ON Semiconductor
MC14066B ONSEMI-MC14066B_06 Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC14016B ONSEMI-MC14016B Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com