Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA100 Arkusz danych(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Numer części TPA100
Szczegółowy opis  Telecommunication Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Strona internetowa  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

TPA100 Arkusz danych(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  TPA100 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd TPA100 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd TPA100 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd TPA100 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
(CCITT)ITU-K20
5/310
25
--
(CCITT)ITU-K17
5/310
38
--
VDE0433
5/310
50
--
VDE0878
1/20
50
--
IEC-1000-4-5
5/310
8/20
50
100
--
--
FCC Part 68,lightning surge type A
10/160
10/560
75
55
12.5
6.5
FCC Part 68,lightning surge type B
5/320
25
--
BELLCORE TR-NWT-001089 First level
2/10
10/1000
150
50
11.5
10
BELLCORE TR-NWT-001089 Second
level
1/20
150
11.5
CNET131-24
0.8/310
25
--
SCHEMATIC DIAGRAM
2000
IeveI 3
IeveI4
1.2/50
10/700
1.2/50
1500
800
0.5/700
2/10
5000
1000
2/10
10/1000
10/160
10/560
9/720
1000
2500
1000
Complies with the
following standards:
10/700
1000
10/700
10/700
Peak surge
voltage
(V)
2000
Necessary
resistor
(
)
R
epetitive peak pulse
current:IPP=50A,10/1000 s.
The TPA series are designed for protecting sensitive
action.Their characteristic response to transien over-
telecommunication equipment against lightning and
The devices provide bidirectional protection by crowbar
sensitive telecommunication equipment.
voltages makes them particularly suited to protect volatge
transient voltages induced by AC power lines.
H
oldingcurrent:IH=150mA min
DESCRIPTION
BREAKDOWN VOLTAGE: 62 --- 270 V
POWER DISSIPATION: 1.7 W
DO-15
1500
B
idirectional crowbar protection
V
oltage range:from 62V to 270V.
Voltage
waveform
(
s)
Current
waveform
(
s)
Admissible
Ipp
(A)
Dimensions in millimeters
TPA Series
Telecommunication Protection
Features
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Podobny numer części - TPA100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TPA100 STMICROELECTRONICS-TPA100 Datasheet
53Kb / 5P
   TRISIL
TPA100 STMICROELECTRONICS-TPA100 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
logo
Galaxy Semi-Conductor H...
TPA100 BILIN-TPA100 Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
STMicroelectronics
TPA100 STMICROELECTRONICS-TPA100 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
logo
SUNMATE electronic Co.,...
TPA100 SUNMATE-TPA100 Datasheet
275Kb / 2P
   AXIAL LEADED TPA SERIES
More results

Podobny opis - TPA100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Taychipst Elec...
SMTPB62 TAYCHIPST-SMTPB62 Datasheet
18Mb / 2P
   TELECOMMUNICATION PROTECTION
logo
Galaxy Semi-Conductor H...
TPA BILIN-TPA Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
Shenzhen Luguang Electr...
SMTPA68 LUGUANG-SMTPA68 Datasheet
529Kb / 6P
   Telecommunication Protection
logo
Shenzhen Taychipst Elec...
TPA TAYCHIPST-TPA Datasheet
1Mb / 2P
   TELECOMMUNICATION PROTECTION ARRESTORS
logo
Chongqing Pingwei Enter...
STPA62 CHONGQING-STPA62 Datasheet
34Kb / 1P
   SOLID STATE TELECOMMUNICATION PROTECTION ARRESTOR
logo
STMicroelectronics
SMP-0SCMC STMICROELECTRONICS-SMP-0SCMC Datasheet
86Kb / 7P
   Trisil for telecommunication equipment protection
logo
Vishay Siliconix
PTCTL VISHAY-PTCTL Datasheet
118Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
Revision: 13-Nov-15
232266.9 VISHAY-232266.9 Datasheet
75Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
PTCTL VISHAY-PTCTL_V01 Datasheet
106Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
01-Jan-2022
2322661 VISHAY-2322661 Datasheet
68Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com