Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS54J64 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS54J64
Szczegółowy opis  Quad-Channel, 14-Bit, 1-GSPS, 2x Oversampling, Analog-to-Digital Converter
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS54J64 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button ADS54J64 Datasheet HTML 6Page - Texas Instruments ADS54J64 Datasheet HTML 7Page - Texas Instruments ADS54J64 Datasheet HTML 8Page - Texas Instruments ADS54J64 Datasheet HTML 9Page - Texas Instruments ADS54J64 Datasheet HTML 10Page - Texas Instruments ADS54J64 Datasheet HTML 11Page - Texas Instruments ADS54J64 Datasheet HTML 12Page - Texas Instruments ADS54J64 Datasheet HTML 13Page - Texas Instruments ADS54J64 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
10
ADS54J64
SBAS841 – OCTOBER 2017
www.ti.com
Product Folder Links: ADS54J64
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
The RESET, SCLK, SDIN, and PDN pins have a 10-kΩ (typical) internal pulldown resistor to ground, and the SEN pin has a 10-kΩ
(typical) pullup resistor to DVDD.
(2)
50-Ω, single-ended external termination to DVDD.
6.7 Digital Characteristics
typical values are at TA = 25°C, full temperature range is from TMIN = –40°C to TMAX = +100°C, input clock frequency = 1 GHz,
50% clock duty cycle, output sample rate = 500 MSPS, AVDD19 = 1.9 V, AVDD = DVDD = 1.15 V, –1-dBFS differential input,
and fIN = 190 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS (RESET, SCLK, SEN, SDIN, PDN, TRIGAB, TRIGCD)(1)
VIH
High-level input voltage
All digital inputs support 1.2-V and 1.8-V logic levels
0.8
V
VIL
Low-level input voltage
All digital inputs support 1.2-V and 1.8-V logic levels
0.4
V
IIH
High-level input current
SEN
0
µA
RESET, SCLK, SDIN, PDN, TRIGAB, TRIGCD
50
IIL
Low-level input current
SEN
50
µA
RESET, SCLK, SDIN, PDN, TRIGAB, TRIGCD
0
Input capacitance
4
pF
DIGITAL INPUTS
VD
Differential input voltage
SYSREFP, SYSREFM
0.35
0.45
0.55
V
SYNCbABM, SYNCbABP, SYNCbCDM,
SYNCbCDP
0.35
0.45
0.8
V(CM_DIG)
Common-mode voltage for SYSREF
SYSREFP, SYSREFM
0.9
1.2
1.4
V
SYNCbABM, SYNCbABP, SYNCbCDM,
SYNCbCDP
0.9
1.2
1.4
DIGITAL OUTPUTS (SDOUT, TRDYAB, TRDYCD)
VOH
High-level output voltage
100-µA current
AVDD19 – 0.2
V
VOL
Low-level output voltage
100-µA current
0.2
V
DIGITAL OUTPUTS (JESD204B Interface: DxP, DxM)(2)
VOD
Output differential voltage
With default swing setting
700
mVPP
VOC
Output common-mode voltage
450
mV
Transmitter short-circuit current
Transmitter pins shorted to any voltage between
–0.25 V and 1.45 V
–100
100
mA
zos
Single-ended output impedance
50
Ω
Output capacitance
Output capacitance inside the device,
from either output to ground
2
pF


Podobny numer części - ADS54J64

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS54J60 TI1-ADS54J60 Datasheet
4Mb / 76P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J60IRMP TI1-ADS54J60IRMP Datasheet
4Mb / 76P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J60IRMPT TI1-ADS54J60IRMPT Datasheet
4Mb / 76P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J66 TI1-ADS54J66 Datasheet
5Mb / 82P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS ADC with Integrated DDC
ADS54J66IRMP TI1-ADS54J66IRMP Datasheet
5Mb / 82P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS ADC with Integrated DDC
More results

Podobny opis - ADS54J64

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
logo
Texas Instruments
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADS54J40 TI1-ADS54J40 Datasheet
4Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
ADC32RF44 TI1-ADC32RF44_18 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
ADC32RF42 TI1-ADC32RF42 Datasheet
5Mb / 127P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.5-GSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9690 AD-AD9690 Datasheet
2Mb / 77P
   14-Bit, 1 GSPS/500 MSPS JESD204B, Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com