Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AMC1106M05DWV Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części AMC1106M05DWV
Szczegółowy opis  Small, High-Precision, Basic Isolated Delta-Sigma Modulators
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1106M05DWV Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button AMC1106M05DWV Datasheet HTML 2Page - Texas Instruments AMC1106M05DWV Datasheet HTML 3Page - Texas Instruments AMC1106M05DWV Datasheet HTML 4Page - Texas Instruments AMC1106M05DWV Datasheet HTML 5Page - Texas Instruments AMC1106M05DWV Datasheet HTML 6Page - Texas Instruments AMC1106M05DWV Datasheet HTML 7Page - Texas Instruments AMC1106M05DWV Datasheet HTML 8Page - Texas Instruments AMC1106M05DWV Datasheet HTML 9Page - Texas Instruments AMC1106M05DWV Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
AMC1106E05, AMC1106M05
SBAS789 – OCTOBER 2017
www.ti.com
Product Folder Links: AMC1106E05 AMC1106M05
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.7 Safety-Related Certifications
VDE
UL
Certified according to DIN V VDE V 0884-11 (VDE V 0884-11):
2017-01, DIN EN60950-1 (VDE 0805 Teil 1): 2014-08, and
DIN EN 60065 (VDE 0860): 2005-11
Recognized under 1577 component recognition and
CSA component acceptance NO 5 programs
Reinforced insulation
Single protection
Certificate number: 40040142
File number: E181974
(1)
Input, output, or the sum of input and output power must not exceed this value.
7.8 Safety Limiting Values
Safety limiting intends to minimize potential damage to the isolation barrier upon failure of input or output (I/O) circuitry.
A failure of the I/O may allow low resistance to ground or the supply and, without current limiting, dissipate sufficient power to
overheat the die and damage the isolation barrier, potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IS
Safety input, output, or supply current,
see Figure 3
θJA = 112.2°C/W, VDD1 = VDD2 = 5.5 V,
TJ = 150°C, TA = 25°C
202.5
mA
θJA = 112.2°C/W, VDD1 = VDD2 = 3.6 V,
TJ = 150°C, TA = 25°C
309.4
PS
Safety input, output, or total power,
see Figure 4
θJA = 112.2°C/W, TJ = 150°C, TA = 25°C
1114(1)
mW
TS
Maximum safety temperature
150
°C
The maximum safety temperature is the maximum junction temperature specified for the device. The power
dissipation and junction-to-air thermal impedance of the device installed in the application hardware determines
the junction temperature. The assumed junction-to-air thermal resistance in the Thermal Information table is that
of a device installed on a high-K test board for leaded surface-mount packages. The power is the recommended
maximum input voltage times the current. The junction temperature is then the ambient temperature plus the
power times the junction-to-air thermal resistance.


Podobny numer części - AMC1106M05DWV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AMC1100 TI-AMC1100 Datasheet
675Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier for Energy Metering
AMC1100 TI-AMC1100 Datasheet
1Mb / 33P
[Old version datasheet]   AMC1100 Fully-Differential Isolation Amplifier
AMC1100DUB TI-AMC1100DUB Datasheet
675Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier for Energy Metering
AMC1100DUB TI-AMC1100DUB Datasheet
1Mb / 33P
[Old version datasheet]   AMC1100 Fully-Differential Isolation Amplifier
AMC1100DUBR TI-AMC1100DUBR Datasheet
675Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier for Energy Metering
More results

Podobny opis - AMC1106M05DWV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1306E05 TI1-AMC1306E05_17 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05_017 TI1-AMC1306E05_017 Datasheet
689Kb / 38P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1303E0510 TI1-AMC1303E0510 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1304L05 TI-AMC1304L05_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1304x High-Precision,Reinforced Isolated Delta-Sigma Modulators with LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com