Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADAU1401AWBSTZ Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADAU1401AWBSTZ
Szczegółowy opis  SigmaDSP 28-/56-Bit Audio Processor
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADAU1401AWBSTZ Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADAU1401AWBSTZ Datasheet HTML 7Page - Analog Devices ADAU1401AWBSTZ Datasheet HTML 8Page - Analog Devices ADAU1401AWBSTZ Datasheet HTML 9Page - Analog Devices ADAU1401AWBSTZ Datasheet HTML 10Page - Analog Devices ADAU1401AWBSTZ Datasheet HTML 11Page - Analog Devices ADAU1401AWBSTZ Datasheet HTML 12Page - Analog Devices ADAU1401AWBSTZ Datasheet HTML 13Page - Analog Devices ADAU1401AWBSTZ Datasheet HTML 14Page - Analog Devices ADAU1401AWBSTZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
ADAU1401A
Rev. A | Page 10 of 52
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
Table 9.
Parameter
Rating
DVDD to Ground
0 V to 2.2 V
AVDD to Ground
0 V to 4.0 V
IOVDD to Ground
0 V to 4.0 V
Digital Inputs
DGND − 0.3 V, IOVDD + 0.3 V
Maximum Junction Temperature
135°C
Storage Temperature Range
−65°C to +150°C
Soldering (10 sec)
300°C
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 10. Thermal Resistance
Package Type
θJA
θJC
Unit
48-Lead LQFP
72
19.5
°C/W
ESD CAUTION
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.


Podobny numer części - ADAU1401AWBSTZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADAU1401AWBSTZ AD-ADAU1401AWBSTZ Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
ADAU1401AWBSTZ-RL AD-ADAU1401AWBSTZ-RL Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
More results

Podobny opis - ADAU1401AWBSTZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADAU1702 AD-ADAU1702_17 Datasheet
1Mb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1701 AD-ADAU1701_16 Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1701 AD-ADAU1701 Datasheet
624Kb / 43P
   SigmaDSP 28/56-Bit Audio Processor with 2ADC/4DAC
Rev. PrF
AD1940 AD-AD1940_15 Datasheet
421Kb / 36P
   SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
AD1941 AD-AD1941_15 Datasheet
421Kb / 36P
   SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
AD1940 AD-AD1940 Datasheet
690Kb / 32P
   SigmaDSP-TM Multichannel 28-Bit Audio Processor
REV. 0
AD1941 AD-AD1941 Datasheet
314Kb / 32P
   SigmaDSP-TM Multichannel 28-Bit Audio Processor
Rev. PrE
ADAU1401 AD-ADAU1401_15 Datasheet
903Kb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. C
ADAU1401A AD-ADAU1401A Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
ADAU1702 AD-ADAU1702 Datasheet
1Mb / 52P
   SigmaDSP 28-56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com