Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN4174IS5X_NL Arkusz danych(PDF) 10 Page - Fairchild Semiconductor

Numer części FAN4174IS5X_NL
Szczegółowy opis  Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4174IS5X_NL Arkusz danych(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN4174IS5X_NL Datasheet HTML 6Page - Fairchild Semiconductor FAN4174IS5X_NL Datasheet HTML 7Page - Fairchild Semiconductor FAN4174IS5X_NL Datasheet HTML 8Page - Fairchild Semiconductor FAN4174IS5X_NL Datasheet HTML 9Page - Fairchild Semiconductor FAN4174IS5X_NL Datasheet HTML 10Page - Fairchild Semiconductor FAN4174IS5X_NL Datasheet HTML 11Page - Fairchild Semiconductor FAN4174IS5X_NL Datasheet HTML 12Page - Fairchild Semiconductor FAN4174IS5X_NL Datasheet HTML 13Page - Fairchild Semiconductor FAN4174IS5X_NL Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
FAN4174/FAN4274 Rev. 2D
10
www.fairchildsemi.com
Layout Considerations
General layout and supply bypassing play major roles in high
frequency performance. Fairchild has evaluation boards to use
as a guide for high frequency layout and as an aid in device test-
ing and characterization. Follow the steps below as a basis for
high frequency layout:
• Include 6.8
µF and 0.01µF ceramic capacitors
• Place the 6.8
µF capacitor within 0.75 inches of the power pin
• Place the 0.01
µF capacitor within 0.1 inches of the power pin
• Remove the ground plane under and around the part,
especially near the input and output pins to reduce parasitic
capacitance
• Minimize all trace lengths to reduce series inductances
Refer to the evaluation board layouts shown in Figure 6 for more
information.
When evaluating only one channel, complete the following on
the unused channel:
1. Ground the non-inverting input
2. Short the output to the inverting input
Evaluation Board Information
The following evaluation boards are available to aid in the test-
ing and layout of this device:
Evaluation board schematics are shown in Figures 5a and 5b,
layouts are shown in Figure 6a through 6d.
Figure 5a. FAN4174 Evaluation Board Schematic
(KEB002/KEB011)
Figure 5b. FAN4274 Evaluation Board Schematic
(KEB010)
Eval Bd
Description
Products
KEB002
Single Channel, Dual Supply, FAN4174IS5X
5 and 6 lead SOT23
KEB010
Dual Channel, Dual Supply
FAN4274IMU8X
8 lead MSOP
KEB011
Single Channel, Dual Supply, FAN4174IP5X
5 and 6 lead SC70


Podobny numer części - FAN4174IS5X_NL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN4174IS5X FAIRCHILD-FAN4174IS5X Datasheet
1Mb / 15P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4174IS5X FAIRCHILD-FAN4174IS5X Datasheet
1Mb / 13P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
ON Semiconductor
FAN4174IS5X ONSEMI-FAN4174IS5X Datasheet
1Mb / 13P
   Single and Dual,Rail-to-Rail I/O, CMOS Amplifier
December-2107, Rev. 2
More results

Podobny opis - FAN4174IS5X_NL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
GB15RF120K FAIRCHILD-GB15RF120K Datasheet
678Kb / 10P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
ON Semiconductor
FAN4931 ONSEMI-FAN4931 Datasheet
1Mb / 13P
   Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
February 2013 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN4931 FAIRCHILD-FAN4931 Datasheet
1Mb / 11P
   Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4174 FAIRCHILD-FAN4174_08 Datasheet
1Mb / 15P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4274 FAIRCHILD-FAN4274_12 Datasheet
1Mb / 13P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
KM7101 FAIRCHILD-KM7101 Datasheet
146Kb / 9P
   Ultra-Low Cost, 139A, 2.7V, 4.9MHz Rail-to-Rail I/O Amplifier
logo
Texas Instruments
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA705 TI1-OPA705 Datasheet
837Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
FAN4174 ONSEMI-FAN4174 Datasheet
1Mb / 13P
   Single and Dual,Rail-to-Rail I/O, CMOS Amplifier
December-2107, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com