Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NTE1898 Arkusz danych(PDF) 1 Page - NTE Electronics

Numer części NTE1898
Szczegółowy opis  Integrated Circuit Dual Audio Power Amp, 5.8W (22W BTL)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NTE [NTE Electronics]
Strona internetowa  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1898 Arkusz danych(HTML) 1 Page - NTE Electronics

  NTE1898 Datasheet HTML 1Page - NTE Electronics NTE1898 Datasheet HTML 2Page - NTE Electronics NTE1898 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE1898 & NTE1899
Integrated Circuit
Dual Audio Power Amp, 5.8W (22W BTL)
Description:
The NTE1898 and NTE1899 are dual audio power amplifiers in a 12–Lead SIP type package de-
signed for use as high performance, car–audio power amplifiers in consumer applications. These
devices feature high power, low distortion, and low noise along with various types of protection cir-
cuits. The NTE1899 is a mirror image pin–out of the NTE1898 allowing for easier design of PC boards
when used in BTL–stereo applications.
Features:
D High Power:
POUT = 22W (Typ) @ VCC = 14.4V, f = 1kHz, THD = 10%, RL = 4Ω (BTL)
POUT = 5.8W/Ch (Typ) @ VCC = 13.2V, f = 1kHz, THD = 10%, RL = 4Ω (Dual)
D Low Distortion:
THD = 0.03% (Typ) @ VCC = 14.4V, f = 1kHz, POUT = 4W, RL = 4Ω, GV = 40dB (BTL)
THD = 0.06% (Typ) @ VCC = 13.2V, f = 1kHz, POUT = 1W, RL = 4Ω, GV = 52dB (Dual)
D Low Noise:
VNO = 0.14mVrms (Typ) @ VCC = 13.2V, RL = 4Ω, GV = 40dB, Rg = 0, DIN Noise: DIN45405
VNO = 0.7mVrms (Typ) @ VCC = 13.2V, RL = 4Ω, GV = 52dB, BW = 20Hz to 20kHz (Dual)
D Protector Circuit:
Thermal Shut Down, Overvoltage, OUT–VCC Short, OUT–GND Short, OUT–OUT Short
Absolute Maximum Ratings: (TA = +25°C unless othrwise specified)
Peak Supply Voltage (0.2sec), VCCsurge
45V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC Supply Voltage, VCCDC
25V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Supply Voltage, VCCopr
18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Output Current, IOpeak
4.5A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
25W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–30
° to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Podobny numer części - NTE1898

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
NTE189 NTE-NTE189 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Voltage Amplifier & Driver
NTE1890 NTE-NTE1890 Datasheet
43Kb / 6P
   Integrated Circuit NTSC Decoder for TV
NTE1892 NTE-NTE1892 Datasheet
103Kb / 3P
   Integrated Circuit Dual Bi−Directional Motor Driver with Brake Function and Thermal Shutdown
NTE1892A NTE-NTE1892A Datasheet
103Kb / 3P
   Integrated Circuit Dual Bi−Directional Motor Driver with Brake Function and Thermal Shutdown
NTE1894 NTE-NTE1894 Datasheet
22Kb / 1P
   Integrated Circuit Hybrid Switching Voltage Regulator
More results

Podobny opis - NTE1898

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA7280P TOSHIBA-TA7280P Datasheet
646Kb / 13P
   5.8W DUAL, 22W BTL AUDIO POWER AMPLIFIER
logo
KEC(Korea Electronics)
KIA3281H KEC-KIA3281H Datasheet
241Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER)
KIA6280H KEC-KIA6280H Datasheet
240Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER)
logo
Toshiba Semiconductor
TA7292P TOSHIBA-TA7292P Datasheet
944Kb / 13P
   5.8W DUAL AUDIO POWER AMPLIFIER. 22W BTL AUDIO POWER AMPLIFIER.
logo
NTE Electronics
NTE1830 NTE-NTE1830 Datasheet
26Kb / 3P
   Integrated Circuit Dual Audio Power Amplifier, 5.8W (19W BTL)
NTE1278 NTE-NTE1278 Datasheet
73Kb / 2P
   Integrated Circuit Audio Power Amp, 5.8W
NTE1293 NTE-NTE1293 Datasheet
22Kb / 2P
   Integrated Circuit Dual, Audio Power Amp, 5.8W/Ch
NTE7041 NTE-NTE7041 Datasheet
30Kb / 3P
   Dual, Audio Power Amplifier, 22W BTL
logo
Hitachi Semiconductor
HA13128 HITACHI-HA13128 Datasheet
606Kb / 15P
   22W DUAL BTL AUDIO POWER AMPLIFIER
logo
NTE Electronics
NTE1399 NTE-NTE1399 Datasheet
21Kb / 2P
   Integrated Circuit Dual, Audio Power Amp, 18W BTL
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com