Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AUP1G06DRYR Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74AUP1G06DRYR
Szczegółowy opis  Low-Power Single Inverter With Open-Drain Outputs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G06DRYR Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button SN74AUP1G06DRYR Datasheet HTML 2Page - Texas Instruments SN74AUP1G06DRYR Datasheet HTML 3Page - Texas Instruments SN74AUP1G06DRYR Datasheet HTML 4Page - Texas Instruments SN74AUP1G06DRYR Datasheet HTML 5Page - Texas Instruments SN74AUP1G06DRYR Datasheet HTML 6Page - Texas Instruments SN74AUP1G06DRYR Datasheet HTML 7Page - Texas Instruments SN74AUP1G06DRYR Datasheet HTML 8Page - Texas Instruments SN74AUP1G06DRYR Datasheet HTML 9Page - Texas Instruments SN74AUP1G06DRYR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6
SN74AUP1G06
SCES590E – JULY 2004 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: SN74AUP1G06
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
6.6 Switching Characteristics, CL = 5 pF
over recommended operating free-air temperature range, CL = 5 pF (unless otherwise noted) (see Figure 3 and Figure 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpd
A
Y
VCC = 0.8 V
TA = 25°C
12.4
ns
VCC = 1.2 V ± 0.1 V
TA = 25°C
2.7
12
9.9
TA = –40°C to +85°C
2
12.8
VCC = 1.5 V ± 0.1 V
TA = 25°C
2.1
3.5
6.2
TA = –40°C to +85°C
1.5
7.6
VCC = 1.8 V ± 0.15 V
TA = 25°C
2.1
3.1
4.7
TA = –40°C to +85°C
1.2
5.9
VCC = 2.5 V ± 0.2 V
TA = 25°C
1.4
2.2
3.2
TA = –40°C to +85°C
1
3.9
VCC = 3.3 V ± 0.3 V
TA = 25°C
1.3
2.2
3.3
TA = –40°C to +85°C
0.8
3.6
6.7 Switching Characteristics, CL = 10 pF
over recommended operating free-air temperature range, CL = 10 pF (unless otherwise noted) (see Figure 3 and Figure 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpd
A
Y
VCC = 0.8 V
TA = 25°C
15.1
ns
VCC = 1.2 V ± 0.1 V
TA = 25°C
3.6
12
11.2
TA = –40°C to +85°C
2.7
14.1
VCC = 1.5 V ± 0.1 V
TA = 25°C
2.9
4.3
7
TA = –40°C to +85°C
2.2
8.6
VCC = 1.8 V ± 0.15 V
TA = 25°C
2.7
3.9
5.4
TA = –40°C to +85°C
1.8
6.7
VCC = 2.5 V ± 0.2 V
TA = 25°C
2.1
2.9
3.8
TA = –40°C to +85°C
1.4
4.5
VCC = 3.3 V ± 0.3 V
TA = 25°C
1.7
3
4.5
TA = –40°C to +85°C
1.2
4.9
6.8 Switching Characteristics, CL = 15 pF
over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 3 and Figure 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpd
A
Y
VCC = 0.8 V
TA = 25°C
17.4
ns
VCC = 1.2 V ± 0.1 V
TA = 25°C
4.9
12
12.2
TA = –40°C to +85°C
3.4
15.2
VCC = 1.5 V ± 0.1 V
TA = 25°C
3.5
5
7.7
TA = –40°C to +85°C
2.7
9.4
VCC = 1.8 V ± 0.15 V
TA = 25°C
3.2
4.8
6.6
TA = –40°C to +85°C
2.2
7.3
VCC = 2.5 V ± 0.2 V
TA = 25°C
2.5
3.5
4.5
TA = –40°C to +85°C
1.7
5.1
VCC = 3.3 V ± 0.3 V
TA = 25°C
2
3.8
6
TA = –40°C to +85°C
1.5
6.5


Podobny numer części - SN74AUP1G06DRYR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUP1G06DRYR TI-SN74AUP1G06DRYR Datasheet
927Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06DRYR TI1-SN74AUP1G06DRYR Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06DRYR TI1-SN74AUP1G06DRYR Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Single Inverter With Open-Drain Outputs
More results

Podobny opis - SN74AUP1G06DRYR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUP1G06 TI1-SN74AUP1G06_18 Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Single Inverter With Open-Drain Outputs
logo
ON Semiconductor
NL17SZ06 ONSEMI-NL17SZ06_12 Datasheet
107Kb / 6P
   Single Inverter with Open Drain Outputs
April, 2012 ??Rev. 7
NL17SZ05 ONSEMI-NL17SZ05 Datasheet
104Kb / 5P
   Single Inverter with Open Drain Outputs
November, 2013 ??Rev. P0
NL17SZ06 ONSEMI-NL17SZ06_15 Datasheet
77Kb / 6P
   Single Inverter with Open Drain Outputs
December, 2015 ??Rev. 9
NL17SZ06 ONSEMI-NL17SZ06 Datasheet
60Kb / 6P
   Single Inverter with Open Drain Outputs
January, 2005 ??Rev. 3
logo
Unisonic Technologies
U74HC1G06 UTC-U74HC1G06 Datasheet
179Kb / 5P
   SINGLE INVERTER WITH OPEN-DRAIN OUTPUTS
logo
ON Semiconductor
NL17SZ06 ONSEMI-NL17SZ06_18 Datasheet
190Kb / 13P
   Single Inverter with Open Drain Outputs
November, 2018 ??Rev. 10
NL17SZ05 ONSEMI-NL17SZ05_18 Datasheet
186Kb / 13P
   Single Inverter with Open Drain Outputs
November, 2018 ??Rev. 0
NLV17SZ06 ONSEMI-NLV17SZ06 Datasheet
71Kb / 5P
   Single Inverter with Open Drain Outputs
December, 2015 ??Rev. 0
logo
Texas Instruments
SN74AUP1G06 TI1-SN74AUP1G06_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com