Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMBF206H Arkusz danych(PDF) 1 Page - GOOD-ARK Electronics

Numer części SMBF206H
Szczegółowy opis  Surface Mount Glass Passivated High Efficient Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GOOD-ARK [GOOD-ARK Electronics]
Strona internetowa  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SMBF206H Arkusz danych(HTML) 1 Page - GOOD-ARK Electronics

  SMBF206H Datasheet HTML 1Page - GOOD-ARK Electronics SMBF206H Datasheet HTML 2Page - GOOD-ARK Electronics SMBF206H Datasheet HTML 3Page - GOOD-ARK Electronics SMBF206H Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMBF202H thru SMBF210H
Surface Mount Glass Passivated High Efficient Rectifiers
Reverse Voltage 50~1000V Forward Current 2.0A
Features
• Glass passivated high efficient rectifiers
• Ideal for automated placement
• Low forward voltage drop
• Low leakage current
• Solder dip 260 °C, 10 s
• Low profile, typical thickness 1.2mm
Mechanical Data
Case:SMBF,Molding compound:UL flammability classfication rating 94V-0,MSL1:per J-STD-020
Terminal:Matte tin plated leads,solderable per JESD22-B102,Meet JESD 201 class 1A whisker test
Polarity:Indicated by cathode band;
Weight:0.101g (approximately)
VRRM
200
400
600
800
1000
V
VRMS
140
280
420
560
700
V
VDC
200
400
600
800
1000
V
IF(AV)
1)
A
IFSM
A
I
2t
A
2sec
TJ, TSTG
°C
Minimum Breakdown voltage
Ta=25℃,IR=100uA
VBR
200
400
600
800
1000
IF=2A, Ta=25℃
1.3
IF=2A, Ta=125℃
Ta=25℃
Ta=125℃
IF=0.5A,IR=1.0A,
Irr=0.25A
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
Typical thermal resistance1)
juntion to ambient
RθJA
juntion to case
RθJC
juntion to lead
RθJL
Note1):Mounted on PCB with 8*8mm copper pad,2 OZ,FR4 PCB;
nS
℃/W
TBD
TBD
Maximum reverse recovery
time
trr
75
Unit
VF
1.2
Volts
SMBF206H SMBF208H SMBF210H
SMBF202H SMBF204H
5
Maximum Instantaneous
forward voltage
50
10.2
TBD
1.0
1.7
Parameter
Test Conditions
Symbol
Maximum DC reverse current
at rated DC blocking voltage
IR
60
Operating junction and storage temperature range
- 55 to + 150
Electrical Characteristics (T
A
= 25 °C unless otherwise noted)
Rating for fusing(t<8.3ms)
15.0
uA
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
Unit
SMBF202H SMBF204H SMBF206H SMBF208H SMBF210H
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
2.0
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load
SMBF
www.goodark.com
1/4
2016.08-Rev.A


Podobny numer części - SMBF206H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GOOD-ARK Electronics
SMBF206F GOOD-ARK-SMBF206F Datasheet
392Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifiers
More results

Podobny opis - SMBF206H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GOOD-ARK Electronics
SGP3U GOOD-ARK-SGP3U Datasheet
373Kb / 4P
   Surface Mount Glass Passivated High Efficient Rectifiers
SGP4U GOOD-ARK-SGP4U Datasheet
379Kb / 4P
   Surface Mount Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
EGF1A TSC-EGF1A Datasheet
55Kb / 2P
   1.0 AMP. Surface Mount Glass Passivated Junction High Efficient Rectifiers
UF4001 TSC-UF4001_14 Datasheet
378Kb / 4P
   Glass Passivated High Efficient Rectifiers
logo
GOOD-ARK Electronics
HER601G GOOD-ARK-HER601G Datasheet
195Kb / 2P
   Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER101G TSC-HER101G_14 Datasheet
362Kb / 4P
   Glass Passivated High Efficient Rectifiers
HER601G TSC-HER601G_14 Datasheet
378Kb / 4P
   Glass Passivated High Efficient Rectifiers
HER301G TSC-HER301G_14 Datasheet
379Kb / 4P
   Glass Passivated High Efficient Rectifiers
logo
GOOD-ARK Electronics
HER2001G GOOD-ARK-HER2001G Datasheet
148Kb / 2P
   Glass Passivated High Efficient Rectifiers
HER3001G GOOD-ARK-HER3001G Datasheet
155Kb / 2P
   Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com