Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NTE1900 Arkusz danych(PDF) 2 Page - NTE Electronics

Numer części NTE1900
Szczegółowy opis  Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NTE [NTE Electronics]
Strona internetowa  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1900 Arkusz danych(HTML) 2 Page - NTE Electronics

  NTE1900 Datasheet HTML 1Page - NTE Electronics NTE1900 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics: (–25
° ≤ TJ ≤ +125°C, VIN–VOUT = 5V, IO = 40mA, IMAX = 100mA,
Note 1 unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Line Regulation
Regline
TA = +25°C, 3V ≤ (VIN–VOUT) ≤ 40V, Note 2
0.01
0.04
%/V
3V
≤ (VIN–VOUT) ≤ 40V
0.02
0.07
%/V
Load Regulation
Regload TA = +25°C, 5mA ≤ IO ≤ 1MAX, Note 2
0.1
0.5
%
5mA
≤ IO ≤ 100mA, Note 2
0.3
1.5
%
Thermal Regulation
TA = +25°C, 10ms Pulse
0.04
0.2
%/W
Adjustment Pin Current
IAdj
50
100
µA
Adjustment Pin Current
Change
∆IAdj
5mA
≤ IL ≤ 100mA, 3V ≤ (VIN–VOUT) ≤ 40V,
P
≤ 625mW
0.2
5.0
µA
Reference Voltage
Vref
3V
≤ (VIN–VOUT) ≤ 40V, 5mA ≤ IO ≤ 100mA,
P
≤ 625mW, Note 3
1.20
1.25
1.30
V
Temperature Stability
TS
–25
° ≤ TJ ≤ +125°C
0.65
%
Minimum Load Current
ILmin
(VIN–VOUT) ≤ 40V
3.5
5
mA
3V
≤ (VIN–VOUT) ≤ 15V
1.5
2.5
mA
Maximum Output Current
Imax
3V
≤ (VIN–VOUT) ≤ 13V
100
200
300
mA
Limit
VIN–VOUT = 40V
25
50
150
mA
RMS Output Noise,
% of VOUT
N
TA = +25°C, 10Hz ≤ f ≤ 10kHz
0.003
%
Ripple Rejection Ratio
RR
VOUT = 10V, f = 120Hz, CADJ = 0
65
dB
CADJ = 10µF
66
80
dB
Long Term Stability
S
TJ = +125°C, 1000 Hours
0.3
1.0
%
Note 1. Although power dissipation is internally limited, these specifications are applicable for power
dissipations of 625mW.
Note 2. Regulation is measured at constant junction temperature, using pulse testing with a low duty
cycle. Changes in output voltage due to heating effects are covered under the specification
for thermal regulation.
Note 3. Thermal resistance is 180
°C/W junction to ambient with 0.4” leads from a PC board and
160
°C/W junction to ambient with 0.125” lead length to PC board.
.021 (.445) Dia Max
VOUT
Seating Plane
.135 (3.45) Min
.100 (2.54)
.050 (1.27)
.105 (2.67) Max
.105 (2.67) Max
.205 (5.2) Max
.210
(5.33)
Max
.500
(12.7)
Min
.165
(4.2)
Max
VIN
Adj


Podobny numer części - NTE1900

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
NTE190 NTE-NTE190 Datasheet
22Kb / 2P
   Silicon NPN Transistor High Voltage Amplifier
NTE1901 NTE-NTE1901 Datasheet
24Kb / 3P
   Integrated Circuit Negative Adjustable Voltage Regulator, -1.2V to -37V, 100mA
NTE1902 NTE-NTE1902 Datasheet
22Kb / 2P
   Integrated Circuit 3 Terminal Positive Voltage Regulator 9V, 100mA
NTE1903 NTE-NTE1903 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -12V, 100mA
NTE1904 NTE-NTE1904 Datasheet
21Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 3.3V, 1A
More results

Podobny opis - NTE1900

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
NTE956 NTE-NTE956 Datasheet
22Kb / 2P
   Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator
NTE1960 NTE-NTE1960 Datasheet
27Kb / 3P
   Integrated Circuit Positive, 3-Terminal Voltage Regulator
NTE953 NTE-NTE953 Datasheet
28Kb / 4P
   Linear Integrated Circuit 4-Terminal Positive Adjustable Voltage Regulator
NTE957 NTE-NTE957 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Adjustable Negative Voltage Regulator
logo
New Japan Radio
NJM317 NJRC-NJM317 Datasheet
260Kb / 8P
   ADJUSTABLE 3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS317 TSC-TS317_10 Datasheet
666Kb / 14P
   3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L_07 Datasheet
743Kb / 11P
   3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L_14 Datasheet
496Kb / 10P
   3-Terminal Adjustable Positive Voltage Regulator
logo
NTE Electronics
NTE935 NTE-NTE935 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator 1.2V to 32V, 5A
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L_08 Datasheet
214Kb / 11P
   3-Terminal Adjustable Positive Voltage Regulator
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com