Zakładka z wyszukiwarką danych komponentów |
|
SN74AUP1G17YZP Arkusz danych(PDF) 11 Page - Texas Instruments |
|
SN74AUP1G17YZP Arkusz danych(HTML) 11 Page - Texas Instruments |
11 / 39 page NOTES: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control. C. All input pulses are supplied by generators having the following characteristics: PRR≤ 10 MHz, ZO = 50 W, tr/tf = 3 ns. D. The outputs are measured one at a time, with one transition per measurement. E. tPLZ and tPHZ are the same as tdis. F. t PZL and tPZH are the same as ten. G. All parameters and waveforms are not applicable to all devices. 5, 10, 15, 30 pF VCC/2 VCC 0.15 V VCC = 1.2 V ± 0.1 V VCC = 0.8 V VCC = 1.5 V ± 0.1 V VCC = 1.8 V ± 0.15 V VCC = 2.5 V ± 0.2 V VCC = 3.3 V ± 0.3 V 5, 10, 15, 30 pF VCC/2 VCC 0.1 V 5, 10, 15, 30 pF VCC/2 VCC 0.1 V 5, 10, 15, 30 pF VCC/2 VCC 0.1 V CL VM VI VD 5, 10, 15, 30 pF VCC/2 VCC 0.15 V 5, 10, 15, 30 pF VCC/2 VCC 0.3 V Output Waveform 1 S1 at 2 × VCC (see Note B) Output Waveform 2 S1 at GND (see Note B) VOL VOH tPZL tPZH tPLZ tPHZ VCC 0 V VOL + VD VOH − VD ≈0 V VCC VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES LOW- AND HIGH-LEVEL ENABLING Output Control VCC/2 VCC/2 VCC/2 VCC/2 tPLZ/tPZL tPHZ/tPZH 2 × VCC GND TEST S1 From Output Under Test CL (see Note A) LOAD CIRCUIT S1 GND 5 kW 5 kW 2 × VCC 11 SN74AUP1G17 www.ti.com SCES579J – JUNE 2004 – REVISED SEPTEMBER 2017 Product Folder Links: SN74AUP1G17 Submit Documentation Feedback Copyright © 2004–2017, Texas Instruments Incorporated 7.2 Enable and Disable Times Figure 4. Load Circuit And Voltage Waveforms |
Podobny numer części - SN74AUP1G17YZP |
|
Podobny opis - SN74AUP1G17YZP |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |