Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AUP1G17DSFR Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74AUP1G17DSFR
Szczegółowy opis  Low-Power Single Schmitt-Trigger Buffer
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G17DSFR Arkusz danych(HTML) 4 Page - Texas Instruments

  SN74AUP1G17DSFR Datasheet HTML 1Page - Texas Instruments SN74AUP1G17DSFR Datasheet HTML 2Page - Texas Instruments SN74AUP1G17DSFR Datasheet HTML 3Page - Texas Instruments SN74AUP1G17DSFR Datasheet HTML 4Page - Texas Instruments SN74AUP1G17DSFR Datasheet HTML 5Page - Texas Instruments SN74AUP1G17DSFR Datasheet HTML 6Page - Texas Instruments SN74AUP1G17DSFR Datasheet HTML 7Page - Texas Instruments SN74AUP1G17DSFR Datasheet HTML 8Page - Texas Instruments SN74AUP1G17DSFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4
SN74AUP1G17
SCES579J – JUNE 2004 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: SN74AUP1G17
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
4.6
V
VI
Input voltage(2)
–0.5
4.6
V
VO
Voltage range applied to any output in the high-impedance or power-off state (2)
–0.5
4.6
V
VO
Output voltage range in the high or low state(2)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±20
mA
Continuous current through VCC or GND
±50
mA
Tj
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
1000
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. See Implications of Slow or Floating
CMOS Inputs.
(2)
Defined by the signal-integrity requirements and design-goal priorities
6.3 Recommended Operating Conditions
See
(1)
MIN
MAX
UNIT
VCC
Supply voltage
0.8
3.6
V
VI
Input voltage
0
3.6
V
VO
Output voltage
0
VCC
V
IOH
(2)
High-level output current
VCC = 0.8 V
–20
µA
VCC = 1.1 V
–1.1
mA
VCC = 1.4 V
–1.7
VCC = 1.65
–1.9
VCC = 2.3 V
–3.1
VCC = 3 V
–4
IOL
(2)
Low-level output current
VCC = 0.8 V
20
µA
VCC = 1.1 V
1.1
mA
VCC = 1.4 V
1.7
VCC = 1.65 V
1.9
VCC = 2.3 V
3.1
VCC = 3 V
4
TA
Operating free-air temperature
–40
85
°C


Podobny numer części - SN74AUP1G17DSFR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUP1G17DSFR TI-SN74AUP1G17DSFR Datasheet
981Kb / 23P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
SN74AUP1G17DSFR TI-SN74AUP1G17DSFR Datasheet
982Kb / 23P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
More results

Podobny opis - SN74AUP1G17DSFR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUP1G17 TI-SN74AUP1G17_10 Datasheet
981Kb / 23P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
SN74AUP1G17-EP TI1-SN74AUP1G17-EP Datasheet
368Kb / 13P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
SN74AUP1G17_101 TI-SN74AUP1G17_101 Datasheet
982Kb / 23P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74AUP1G17 PHILIPS-74AUP1G17 Datasheet
96Kb / 20P
   Low-power Schmitt-trigger buffer
Rev. 01-26 July 2005
logo
Diodes Incorporated
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_10 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
SN74AUC1G17 TI-SN74AUC1G17 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17 Datasheet
104Kb / 5P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
Texas Instruments
SN74LVC1G17-Q1 TI-SN74LVC1G17-Q1 Datasheet
259Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com