Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AUP1G80DSFR Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74AUP1G80DSFR
Szczegółowy opis  Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G80DSFR Arkusz danych(HTML) 5 Page - Texas Instruments

  SN74AUP1G80DSFR Datasheet HTML 1Page - Texas Instruments SN74AUP1G80DSFR Datasheet HTML 2Page - Texas Instruments SN74AUP1G80DSFR Datasheet HTML 3Page - Texas Instruments SN74AUP1G80DSFR Datasheet HTML 4Page - Texas Instruments SN74AUP1G80DSFR Datasheet HTML 5Page - Texas Instruments SN74AUP1G80DSFR Datasheet HTML 6Page - Texas Instruments SN74AUP1G80DSFR Datasheet HTML 7Page - Texas Instruments SN74AUP1G80DSFR Datasheet HTML 8Page - Texas Instruments SN74AUP1G80DSFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
5
SN74AUP1G80
www.ti.com
SCES593F – JULY 2004 – REVISED JULY 2017
Product Folder Links: SN74AUP1G80
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
Recommended Operating Conditions (continued)
See
(1)
MIN
MAX
UNIT
IOL
Low-level output current(2)
VCC = 0.8 V
20
µA
VCC = 1.1 V
1.1
mA
VCC = 1.4 V
1.7
VCC = 1.65 V
1.9
VCC = 2.3 V
3.1
VCC = 3 V
4
Δt/Δv
Input transition rise or fall rate
VCC = 0.8 V to 3.6 V
200
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
SN74AUP1G80
UNIT
DBV (SOT)
DCK (SC70)
DRY (SON)
DSF (SON)
YFP (DSBGA)
YZP (DSBGA)
DPW (X2SON)
5 PINS
5 PINS
6 PINS
6 PINS
6 PINS
5 PINS
5 PINS
RθJA
Junction-to-ambient
thermal resistance
267.2
284.1
341.1
377.1
125.4
146.2
489.2
°C/W
RθJC(top)
Junction-to-case (top)
thermal resistance
191.9
208.5
233.1
187.7
1.9
1.4
226.3
°C/W
RθJB
Junction-to-board
thermal resistance
101.1
103.1
206.7
236.6
37.2
39.3
352.9
°C/W
ψJT
Junction-to-top
characterization
parameter
83.0
76.6
63.4
29.0
0.5
0.7
38.2
°C/W
ψJB
Junction-to-board
characterization
parameter
100.8
102.3
206.7
236.3
37.5
39.8
352.1
°C/W
RθJC(bot)
Junction-to-case
(bottom) thermal
resistance
n/a
n/a
n/a
n/a
n/a
n/a
150.8
°C/W


Podobny numer części - SN74AUP1G80DSFR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUP1G80DSFR TI-SN74AUP1G80DSFR Datasheet
924Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80DSFR TI1-SN74AUP1G80DSFR Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80DSFR TI1-SN74AUP1G80DSFR Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
More results

Podobny opis - SN74AUP1G80DSFR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUP1G80 TI-SN74AUP1G80_08 Datasheet
501Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI-SN74AUP1G80 Datasheet
375Kb / 14P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_17 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80 TI-SN74AUP1G80_10 Datasheet
924Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79 TI-SN74AUP1G79_10 Datasheet
985Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G74 TI1-SN74AUP1G74_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79 TI1-SN74AUP1G79_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79_101 TI-SN74AUP1G79_101 Datasheet
986Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
HD74ALVC1G80 RENESAS-HD74ALVC1G80 Datasheet
97Kb / 11P
   Single Positive Edge-triggered D-type Flip Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com