Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74LVC1G38_017 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części SN74LVC1G38_017
Szczegółowy opis  Single 2-Input NAND Gate With Open-Drain Output
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G38_017 Arkusz danych(HTML) 5 Page - Texas Instruments

  SN74LVC1G38_017 Datasheet HTML 1Page - Texas Instruments SN74LVC1G38_017 Datasheet HTML 2Page - Texas Instruments SN74LVC1G38_017 Datasheet HTML 3Page - Texas Instruments SN74LVC1G38_017 Datasheet HTML 4Page - Texas Instruments SN74LVC1G38_017 Datasheet HTML 5Page - Texas Instruments SN74LVC1G38_017 Datasheet HTML 6Page - Texas Instruments SN74LVC1G38_017 Datasheet HTML 7Page - Texas Instruments SN74LVC1G38_017 Datasheet HTML 8Page - Texas Instruments SN74LVC1G38_017 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
5
SN74LVC1G38
www.ti.com
SCES538F – JANUARY 2004 – REVISED OCTOBER 2017
Product Folder Links: SN74LVC1G38
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. See Implications of Slow or Floating
CMOS Inputs.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage
Operating
1.65
5.5
V
Data retention only
1.5
VIH
High-level input voltage
VCC = 1.65 V to 1.95 V
0.65 × VCC
V
VCC = 2.3 V to 2.7 V
1.7
VCC = 3 V to 3.6 V
2
VCC = 4.5 V to 5.5 V
0.7 × VCC
VIL
Low-level input voltage
VCC = 1.65 V to 1.95 V
0.35 × VCC
V
VCC = 2.3 V to 2.7 V
0.7
VCC = 3 V to 3.6 V
0.8
VCC = 4.5 V to 5.5 V
0.3 × VCC
VI
Input voltage
0
5.5
V
VO
Output voltage
0
5.5
V
IOL
Low-level output current
VCC = 1.65 V
4
mA
VCC = 2.3 V
8
VCC = 3 V
16
24
VCC = 4.5 V
32
Δt/Δv
Input transition rise and fall rate
VCC = 1.8 V ± 0.15 V, 2.5 V ± 0.2 V
20
ns/V
VCC = 3.3 V ± 0.3 V
10
VCC = 5 V ± 0.5 V
5
TA
Operating free-air temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
SN74LVC1G38
UNIT
DBV
(SOT-23)
DCK
(SC70)
DRY
(SON)
DSF
(SON)
YZP
(DSBGA)
DPW
(X2SON)
5 PINS
5 PINS
6 PINS
6 PINS
5 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
247.2
276.1
366.9
406.2
146.2
511.0
°C/W
RθJC(top)
Junction-to-case (top) thermal
resistance
154.5
178.9
253.8
201.0
1.4
241.9
°C/W
RθJB
Junction-to-board thermal resistance
86.8
70.9
227.5
256.9
39.3
374.2
°C/W
ψJT
Junction-to-top characterization
parameter
58.0
47.0
75.8
35.2
0.7
45.0
°C/W
ψJB
Junction-to-board characterization
parameter
86.4
69.3
227.7
256.6
39.8
373.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal
resistance
N/A
N/A
N/A
N/A
N/A
168.0
°C/W


Podobny numer części - SN74LVC1G38_017

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVC1G386 TI-SN74LVC1G386 Datasheet
270Kb / 12P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-XOR GATE
SN74LVC1G386 TI1-SN74LVC1G386 Datasheet
1Mb / 23P
[Old version datasheet]   Single 3-Input Positive-XOR Gate
SN74LVC1G386DBVR TI-SN74LVC1G386DBVR Datasheet
270Kb / 12P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-XOR GATE
SN74LVC1G386DBVR TI1-SN74LVC1G386DBVR Datasheet
1Mb / 23P
[Old version datasheet]   Single 3-Input Positive-XOR Gate
SN74LVC1G386DCKR TI-SN74LVC1G386DCKR Datasheet
270Kb / 12P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-XOR GATE
More results

Podobny opis - SN74LVC1G38_017

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_16 Datasheet
1Mb / 21P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_16 Datasheet
84Kb / 6P
   Single 2-Input NAND Gate with Open Drain Output
December, 2016 ??Rev. 16
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_17 Datasheet
723Kb / 19P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38 TI1-SN74LVC1G38_18 Datasheet
2Mb / 38P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_V01 Datasheet
172Kb / 14P
   Single 2-Input NAND Gate with Open Drain Output
April, 2022 ??Rev. 20
logo
Texas Instruments
SN74LVC1G38 TI-SN74LVC1G38 Datasheet
263Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUT
logo
E-Tech Electronics LTD
MC74VHC1G01 ETL-MC74VHC1G01 Datasheet
579Kb / 4P
   2-Input NAND Gate with Open Drain Output
MC74VHC1G03 ETL-MC74VHC1G03 Datasheet
607Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
List of Unclassifed Man...
MC74VHC1G03 ETC1-MC74VHC1G03 Datasheet
190Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
Leshan Radio Company
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
   2-Input NAND Gate with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com