Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74LVC1G38YZP Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części SN74LVC1G38YZP
Szczegółowy opis  Single 2-Input NAND Gate With Open-Drain Output
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G38YZP Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button SN74LVC1G38YZP Datasheet HTML 4Page - Texas Instruments SN74LVC1G38YZP Datasheet HTML 5Page - Texas Instruments SN74LVC1G38YZP Datasheet HTML 6Page - Texas Instruments SN74LVC1G38YZP Datasheet HTML 7Page - Texas Instruments SN74LVC1G38YZP Datasheet HTML 8Page - Texas Instruments SN74LVC1G38YZP Datasheet HTML 9Page - Texas Instruments SN74LVC1G38YZP Datasheet HTML 10Page - Texas Instruments SN74LVC1G38YZP Datasheet HTML 11Page - Texas Instruments SN74LVC1G38YZP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
t
h
t
su
From Output
Under Test
C
(see Note A)
L
LOAD CIRCUIT
S1
V
LOAD
Open
GND
R
L
Data Input
Timing Input
0 V
0 V
0 V
t
W
Input
0 V
Input
Output
Waveform 1
S1 at V
(see Note B)
LOAD
Output
Waveform 2
S1 at GND
(see Note B)
V
OL
V
OH
0 V
≈0 V
Output
Output
TEST
S1
Output
Control
V
M
V
M
V
M
V
M
V
M
1.8 V
0.15 V
±
2.5 V
0.2 V
±
3.3 V
0.3 V
±
5 V
0.5 V
±
1 M
1 M
1 M
1 M
V
CC
R
L
2 × V
CC
2 × V
CC
6 V
2 × V
CC
V
LOAD
C
L
15 pF
15 pF
15 pF
15 pF
0.15 V
0.15 V
0.3 V
0.3 V
V
3 V
V
I
V
CC/2
V
CC/2
1.5 V
V
CC/2
V
M
≤2 ns
≤2 ns
≤2.5 ns
≤2.5 ns
INPUTS
R
L
t /t
r
f
V
CC
V
CC
V
CC
t
(see Notes E and F)
PZL
V
LOAD
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
NOTES: A. C includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators have the following characteristics: PRR
10 MHz, Z = 50
.
D. The outputs are measured one at a time, with one transition per measurement.
E. Because this device has open-drain outputs, t
and t
are the same as t .
F. t
is measured at V .
G. t
is measured at V
+
H. All parameters and waveforms are not applicable to all devices.
L
O
PLZ
PZL
PD
PZL
M
PLZ
OL
V .
VOLTAGE WAVEFORMS
PULSE DURATION
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
V
I
V
I
V
I
V
M
V
M
V
/2
LOAD
t
PZL
t
PLZ
t
PHZ
t
PZH
V
– V
OH
V
+ V
OL
V
M
V
M
V
M
V
M
V
OL
V
OH
V
I
V
I
V
OH
V
OL
V
M
V
M
V
M
V
M
t
PLH
t
PHL
t
PLH
t
PHL
t
(see Notes E and G)
PLZ
V
LOAD
t
/t
PHZ
PZH
V
LOAD
8
SN74LVC1G38
SCES538F – JANUARY 2004 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: SN74LVC1G38
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
7 Parameter Measurement Information
(Open Drain)
Figure 2. Load Circuit and Voltage Waveforms


Podobny numer części - SN74LVC1G38YZP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVC1G38YZP TI1-SN74LVC1G38YZP Datasheet
723Kb / 19P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38YZP TI1-SN74LVC1G38YZP Datasheet
2Mb / 38P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38YZPR TI-SN74LVC1G38YZPR Datasheet
263Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUT
SN74LVC1G38YZPR TI1-SN74LVC1G38YZPR Datasheet
1Mb / 21P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38YZPR TI1-SN74LVC1G38YZPR Datasheet
723Kb / 19P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
More results

Podobny opis - SN74LVC1G38YZP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_16 Datasheet
1Mb / 21P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_16 Datasheet
84Kb / 6P
   Single 2-Input NAND Gate with Open Drain Output
December, 2016 ??Rev. 16
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_17 Datasheet
723Kb / 19P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38 TI1-SN74LVC1G38_18 Datasheet
2Mb / 38P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_V01 Datasheet
172Kb / 14P
   Single 2-Input NAND Gate with Open Drain Output
April, 2022 ??Rev. 20
logo
Texas Instruments
SN74LVC1G38 TI-SN74LVC1G38 Datasheet
263Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUT
logo
E-Tech Electronics LTD
MC74VHC1G01 ETL-MC74VHC1G01 Datasheet
579Kb / 4P
   2-Input NAND Gate with Open Drain Output
MC74VHC1G03 ETL-MC74VHC1G03 Datasheet
607Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
List of Unclassifed Man...
MC74VHC1G03 ETC1-MC74VHC1G03 Datasheet
190Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
Leshan Radio Company
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
   2-Input NAND Gate with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com