Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI5463EDC-T1 Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SI5463EDC-T1
Szczegółowy opis  P-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5463EDC-T1 Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SI5463EDC-T1 Datasheet HTML 1Page - Vishay Siliconix SI5463EDC-T1 Datasheet HTML 2Page - Vishay Siliconix SI5463EDC-T1 Datasheet HTML 3Page - Vishay Siliconix SI5463EDC-T1 Datasheet HTML 4Page - Vishay Siliconix SI5463EDC-T1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Si5463EDC
Vishay Siliconix
Document Number: 71364
S-21251—Rev. C, 05-Aug-02
www.vishay.com
2-1
P-Channel 20-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (Ω)
ID (A)
0.062 @ VGS =--4.5 V
--5.1
20
0.068@ VGS =--3.6 V
--4.9
--20
0.085 @ VGS =--2.5 V
--4.4
0.120 @ VGS =--1.8 V
--3.7
1206-8 ChipFETt
D
D
D
G
D
D
D
S
1
Bottom View
Marking Code
LB XX
Lot Traceability
and Date Code
Part #
Code
S
5.4 kΩ
D
P-Channel MOSFET
G
Ordering Information: Si5463EDC-T1
ABSOLUTE MAXIMUM RATINGS (TA =25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
--20
V
Gate-Source Voltage
VGS
12
V
Continuous Drain Current (TJ = 150_C)a
TA =25_C
ID
--5.1
--3.8
Continuous Drain Current (TJ = 150_C)a
TA =85_C
ID
--3.7
--2.7
A
Pulsed Drain Current
IDM
--15
A
Continuous Source Currenta
IS
--1.9
--1.0
Maximum Power Dissipationa
TA =25_C
PD
2.3
1.25
W
Maximum Power Dissipationa
TA =85_C
PD
1.2
0.65
W
Operating Junction and Storage Temperature Range
TJ,Tstg
--55 to 150
_
C
Soldering Recommendations (Peak Temperature)c, d
260
_
C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
M i
J
ti
t A bi ta
t ≤ 5sec
R
45
55
Maximum Junction-to-Ambienta
Steady State
RthJA
84
100
_
C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
20
25
C/
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
When using HBM. The MM rating is 300 V
c.
See Reliability Manual for profile. The ChipFET is a leadless package. The end of the lead terminal is exposed copper (not plated) as a result of the singula-
tion process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure adequate bottom side solder inter-
connection.
d.
Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.


Podobny numer części - SI5463EDC-T1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI5463EDC-T1 VISHAY-SI5463EDC-T1 Datasheet
140Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. C, 05-Aug-02
More results

Podobny opis - SI5463EDC-T1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com