Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM3015CX Arkusz danych(PDF) 7 Page - SamHop Microelectronics Corp.

Numer części SM3015CX
Szczegółowy opis  REMOTE FAN MCU
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMHOP [SamHop Microelectronics Corp.]
Strona internetowa  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM3015CX Arkusz danych(HTML) 7 Page - SamHop Microelectronics Corp.

Back Button SM3015CX Datasheet HTML 3Page - SamHop Microelectronics Corp. SM3015CX Datasheet HTML 4Page - SamHop Microelectronics Corp. SM3015CX Datasheet HTML 5Page - SamHop Microelectronics Corp. SM3015CX Datasheet HTML 6Page - SamHop Microelectronics Corp. SM3015CX Datasheet HTML 7Page - SamHop Microelectronics Corp. SM3015CX Datasheet HTML 8Page - SamHop Microelectronics Corp. SM3015CX Datasheet HTML 9Page - SamHop Microelectronics Corp. SM3015CX Datasheet HTML 10Page - SamHop Microelectronics Corp. SM3015CX Datasheet HTML 11Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Page 7
* MASK OPTION: WIND GRADE
b. Memory or non-memory function can be chosen.
C. MODE KEY
SM3015 has four types of wind mode: normal, rhythm, sleep + rhythm, and sleep + normal
these can be chosen by mode key setting. Memory function is available except on sleep
mode.
1. OFF
STRONG
MEDIUM
LOW
2. OFF
STRONG
LOW
SPEED key used
SPEED key or ON/OFF key used
1. OFF
SLP-RHY
RHY
NOR
: Press MODE key: normal setting
: Pulse is put into OFF or ON/OFF pin
: SPEED or ON/OFF key used
V.2.0 Mar 8, 2002
a. There are two types of wind grade control function to choose. If fan controller is on,
press SPEED key on panel or remote control handset, wind grade changes as follows:
SM3015
SAMHOP Microelectronics Corp.
三合微科股份有限公司
REMOTE FAN MCU


Podobny numer części - SM3015CX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
SM30100D SECOS-SM30100D Datasheet
300Kb / 2P
   30A Schottky Barrier Rectifiers
SM30100D SECOS-SM30100D_15 Datasheet
251Kb / 2P
   30A Schottky Barrier Rectifiers
logo
Sinopower Semiconductor...
SM3016NSU SINOPWER-SM3016NSU Datasheet
179Kb / 12P
   N-Channel Enhancement Mode MOSFET
SM3016NSUC-TRG SINOPWER-SM3016NSUC-TRG Datasheet
179Kb / 12P
   N-Channel Enhancement Mode MOSFET
SM3017NSU SINOPWER-SM3017NSU Datasheet
276Kb / 12P
   N-Channel Enhancement Mode MOSFET
More results

Podobny opis - SM3015CX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Storage Technol...
SST65P542R SST-SST65P542R Datasheet
538Kb / 40P
   Remote Controller MCU
SST65P542R SST-SST65P542R_05 Datasheet
475Kb / 41P
   Remote Controller MCU
logo
Princeton Technology Co...
PT2275 PTC-PT2275 Datasheet
228Kb / 4P
   Fan Remote Control
logo
MOSDESIGN SEMICONDUCTOR...
M75104 MOSDESIGN-M75104 Datasheet
151Kb / 2P
   REMOTE FAN CONTROL
2003-07-21
logo
Silan Microelectronics ...
SC5104 SILAN-SC5104 Datasheet
528Kb / 7P
   FAN REMOTE CONTROL ENCODER
SC2128A SILAN-SC2128A Datasheet
221Kb / 15P
   REMOTE FAN CONTROL IC
logo
Unisonic Technologies
RBA8206 UTC-RBA8206_15 Datasheet
171Kb / 7P
   REMOTE FAN CONTROL IC
logo
Silan Microelectronics ...
SC8206 SILAN-SC8206 Datasheet
342Kb / 8P
   REMOTE FAN CONTROL IC
SC2128C SILAN-SC2128C Datasheet
523Kb / 13P
   REMOTE FAN CONTROL IC
logo
Unisonic Technologies
RBA5104 UTC-RBA5104 Datasheet
151Kb / 4P
   FAN REMOTE CONTROL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com