Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5USBC400 Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części TS5USBC400
Szczegółowy opis  Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TS5USBC400 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TS5USBC400 Datasheet HTML 4Page - Texas Instruments TS5USBC400 Datasheet HTML 5Page - Texas Instruments TS5USBC400 Datasheet HTML 6Page - Texas Instruments TS5USBC400 Datasheet HTML 7Page - Texas Instruments TS5USBC400 Datasheet HTML 8Page - Texas Instruments TS5USBC400 Datasheet HTML 9Page - Texas Instruments TS5USBC400 Datasheet HTML 10Page - Texas Instruments TS5USBC400 Datasheet HTML 11Page - Texas Instruments TS5USBC400 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
VIN, Input Voltage (V)
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
4.5
5
5.5
6
6.5
7
7.5
8
D001
8
TS5USBC400
SCDS374A – SEPTEMBER 2017 – REVISED SEPTEMBER 2017
www.ti.com
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.8 Typical Characteristics
VCC = 3.3 V
TA = 25°C
Figure 1. ON-Resistance vs Input Voltage


Podobny numer części - TS5USBC400

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5USBC402 TI1-TS5USBC402 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V Overvoltage Protection
TS5USBC402I TI1-TS5USBC402I Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V Overvoltage Protection
TS5USBC402IYFPR TI1-TS5USBC402IYFPR Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V Overvoltage Protection
TS5USBC402IYFPT TI1-TS5USBC402IYFPT Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V Overvoltage Protection
TS5USBC402YFPR TI1-TS5USBC402YFPR Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V Overvoltage Protection
More results

Podobny opis - TS5USBC400

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5USBC41 TI1-TS5USBC41 Datasheet
585Kb / 27P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 16-V/20-V Overvoltage Protection
TS5USBC402 TI1-TS5USBC402 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V Overvoltage Protection
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
   Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Pericom Semiconductor C...
PI3USB304 PERICOM-PI3USB304 Datasheet
1Mb / 9P
   3.3V USB 3.0 SuperSpeed Dual 2:1 Mux/DeMux Switch with Enable
logo
Analog Devices
ADG772 AD-ADG772 Datasheet
408Kb / 12P
   CMOS Low Power Dual 2:1 Mux/Demux USB 2.0 (480 Mbps)/USB 1.1 (12 Mbps)
REV. 0
logo
Integrated Device Techn...
IDT74FST163233 IDT-IDT74FST163233 Datasheet
82Kb / 6P
   16-BIT 2:1 MUX/DEMUX SWITCH
logo
Renesas Technology Corp
IDT74FST163233 RENESAS-IDT74FST163233 Datasheet
528Kb / 8P
   16-BIT 2:1 MUX/DEMUX SWITCH
OCTOBER 2008
logo
Potato Semiconductor Co...
PO3B22A POTATO-PO3B22A_14 Datasheet
1Mb / 5P
   Wide Bandwidth, Dual 2:1 Mux/DeMux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com