Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TP3A105K016C6000AS Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części TP3A105K016C6000AS
Szczegółowy opis  Solid Tantalum Surface Mount Chip Capacitors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP3A105K016C6000AS Arkusz danych(HTML) 2 Page - Vishay Siliconix

  TP3A105K016C6000AS Datasheet HTML 1Page - Vishay Siliconix TP3A105K016C6000AS Datasheet HTML 2Page - Vishay Siliconix TP3A105K016C6000AS Datasheet HTML 3Page - Vishay Siliconix TP3A105K016C6000AS Datasheet HTML 4Page - Vishay Siliconix TP3A105K016C6000AS Datasheet HTML 5Page - Vishay Siliconix TP3A105K016C6000AS Datasheet HTML 6Page - Vishay Siliconix TP3A105K016C6000AS Datasheet HTML 7Page - Vishay Siliconix TP3A105K016C6000AS Datasheet HTML 8Page - Vishay Siliconix TP3A105K016C6000AS Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TP3
www.vishay.com
Vishay Sprague
Revision: 22-Jun-17
2
Document Number: 40116
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Glue pad (non-conductive, part of molded case) is dedicated for glue attachment (as user option)
DIMENSIONS in inches [millimeters]
CASE CODE
EIA SIZE
L
W
H
P
TW
TH (MIN.)
A
3216-18
0.126 ± 0.008
[3.2 ± 0.20]
0.063 ± 0.008
[1.6 ± 0.20]
0.063 ± 0.008
[1.6 ± 0.20]
0.031 ± 0.012
[0.80 ± 0.30]
0.047 ± 0.004
[1.2 ± 0.10]
0.028
[0.70]
B
3528-21
0.138 ± 0.008
[3.5 ± 0.20]
0.110 ± 0.008
[2.8 ± 0.20]
0.075 ± 0.008
[1.9 ± 0.20]
0.031 ± 0.012
[0.80 ± 0.30]
0.087 ± 0.004
[2.2 ± 0.10]
0.028
[0.70]
C
6032-28
0.236 ± 0.012
[6.0 ± 0.30]
0.126 ± 0.012
[3.2 ± 0.30]
0.098 ± 0.012
[2.5 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.087 ± 0.004
[2.2 ± 0.10]
0.039
[1.0]
D
7343-31
0.287 ± 0.012
[7.3 ± 0.30]
0.169 ± 0.012
[4.3 ± 0.30]
0.110 ± 0.012
[2.8 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.094 ± 0.004
[2.4 ± 0.10]
0.039
[1.0]
E
7343-43
0.287 ± 0.012
[7.3 ± 0.30]
0.169 ± 0.012
[4.3 ± 0.30]
0.157 ± 0.012
[4.0 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.094 ± 0.004
[2.4 ± 0.10]
0.039
[1.0]
RATINGS AND CASE CODES
μF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
0.10
A (20.00,
10.00)
A (19.00,
10.00)
0.15
0.22
A (15.00, 6.00)
A (15.00)
B (12.00, 8.50)
0.33
A (13.00, 6.00)
B (10.00, 4.50)
0.47
A (12.00,
9.00)
A (10.00, 4.00)
B (8.00, 2.50)
B (8.40, 4.00)
0.68
A (10.00, 8.00)
A (8.40)
B (7.00, 5.00)
A (7.60, 4.00)
B (6.50, 2.50)
1.0
A (9.30, 6.00)
A (8.40, 5.50)
A (7.60, 4.00)
B (5.00, 2.00)
A (7.50, 6.00,
4.00)
B (5.00, 2.00)
B (6.70)
C (4.60, 1.60)
1.5
A (8.00, 6.00)
A (6.70, 6.00)
A (6.30)
A (6.70, 4.00)
B (4.60, 2.00)
B (4.20, 2.00)
C (3.80)
2.2
A (7.60, 6.00)
A (6.30, 4.60)
A (5.90, 4.00)
B (4.60, 2.50)
A (5.90, 4.00)
B (3.50, 1.50)
A (6.30, 4.00)
B (4.00; 3.80,
1.50)
C (2.20)
B (3.80, 2.00)
C (2.90, 0.90)
C (2.90, 1.50)
D (2.10, 0.80)
3.3
A (6.30, 5.00)
A (5.50)
A (5.00, 4.00, 3.50)
B (3.5, 2.0)
A (5.90, 4.00)
B (3.00, 1.30)
B (3.10, 1.50)
C (2.30, 1.00)
B (3.50)
C (2.10, 0.70)
C (2.50, 1.50)
D (1.70, 0.80)
4.7
A (6.30)
A (5.50, 3.50)
A (5.00, 4.50,
3.00, 2.00, 1.40)
B (3.40, 1.50)
A (5.00, 2.50, 2.00)
B (2.90, 1.50)
A (5.00, 3.50)
B (2.90, 1.00)
C (2.30, 0.60)
B (2.80, 1.50)
C (2.00,
0.525)
B (3.10, 1.50)
C (1.90, 0.50)
D (1.30, 0.45)
D (1.20, 0.60,
0.30)
6.8
A (5.00)
B (3.40)
A (4.20, 3.00)
B (2.90, 1.20)
A (4.20, 3.80, 3.00)
B (2.50)
C (1.90, 0.60)
B (2.50, 1.00)
C (1.90, 0.55)
B (1.50)
C (1.70, 0.50)
C (1.80, 0.475)
D (1.8, 1.10,
0.30)
D (0.90, 0.60)
10
A (3.40, 2.00, 1.50)
B (2.90, 1.00)
A (3.40, 3.00, 2.00)
B (2.50, 0.60, 0.80)
C (1.80, 0.55)
A (3.00, 1.70)
B (2.00, 0.80)
C (1.80, 0.45)
B (2.10, 2.5, 1.00)
C (1.70, 0.50,
0.45)
C (1.50, 0.45)
D (1.00, 0.30)
C (1.60, 0.45)
D (0.80, 0.30,
0.25, 0.135)
D (0.80, 0.55)
E (0.80, 0.55,
0.30)
15
A (2.90, 2.00)
B (2.50)
A (2.90, 2.00)
B (2.00, 1.20, 0.70)
C (1.80, 0.50)
B (2.00, 0.80)
C (1.50, 0.40)
B (2.30, 1.00)
C (1.50, 0.40)
D (0.90, 0.30)
C (1.20,
0.425)
D (0.80, 0.25)
D (0.70, 0.30,
0.26, 0.225)
L
T
H (MIN.)
H
W
Glue pad
T
W
P
Glue pad


Podobny numer części - TP3A105K016C6000AS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TP3A105 VISHAY-TP3A105 Datasheet
135Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Revision: 04-Jun-08
More results

Podobny opis - TP3A105K016C6000AS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
593D475X9050D2T VISHAY-593D475X9050D2T Datasheet
398Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X9020B2TE3 VISHAY-293D106X9020B2TE3 Datasheet
421Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X0016B2TE3 VISHAY-293D106X0016B2TE3 Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X06R3B2TE3 VISHAY-593D107X06R3B2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TM3 VISHAY-TM3_17 Datasheet
546Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D475X9020B2TE3 VISHAY-293D475X9020B2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 21-Mar-13
293D VISHAY-293D Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
logo
Cornell Dubilier Electr...
T491 CDE-T491 Datasheet
368Kb / 5P
   Solid Tantalum Chip Capacitors for Surface Mount Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com