Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VTB180-2F32417 Arkusz danych(PDF) 2 Page - SICK AG

Numer części VTB180-2F32417
Szczegółowy opis  PHOTOELECTRIC SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SICK [SICK AG]
Strona internetowa  http://www.sick.com/
Logo SICK - SICK AG

VTB180-2F32417 Arkusz danych(HTML) 2 Page - SICK AG

  VTB180-2F32417 Datasheet HTML 1Page - SICK AG VTB180-2F32417 Datasheet HTML 2Page - SICK AG VTB180-2F32417 Datasheet HTML 3Page - SICK AG VTB180-2F32417 Datasheet HTML 4Page - SICK AG VTB180-2F32417 Datasheet HTML 5Page - SICK AG VTB180-2F32417 Datasheet HTML 6Page - SICK AG VTB180-2F32417 Datasheet HTML 7Page - SICK AG VTB180-2F32417 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
VTB180-2F32417 | V180-2
PHOTOELECTRIC SENSORS
Illustration may differ
Ordering information
Type
Part no.
VTB180-2F32417
6044020
Other models and accessories
www.sick.com/V180-2
Detailed technical data
Features
Sensor/ detection principle
Photoelectric proximity sensor, Background suppression
Housing design (light emission)
Cylindrical, straight
Thread diameter (housing)
M18 x 1
Optical axis
Axial
Sensing range max.
10 mm ... 350 mm 1)
Sensing range
30 mm ... 200 mm 1)
Type of light
Visible red light
Light source
LED 2)
Light spot size (distance)
Ø 15 mm (300 mm)
Angle of dispersion
Approx. 2.8°
Wave length
632 nm
Adjustment
Potentiometer, 4 turns (Sensing range)
1) Object with 90 % reflectance (referred to standard white, DIN 5033).
2) Average service life: 100,000 h at TU = +25 °C.
Communication interface
Communication interface
-
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC 1)
Ripple
± 10 % 2)
Power consumption
≤ 35 mA 3)
1) Limit values when operated in short-circuit protected network: max. 8 A.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) Signal transit time with resistive load.
5) With light/dark ratio 1:1.
6) A = VS connections reverse-polarity protected.
7) B = inputs and output reverse-polarity protected.
8) D = outputs overcurrent and short-circuit protected.
2
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-11-09 17:58:45
Subject to change without notice


Podobny numer części - VTB180-2F32417

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SICK AG
VTB180-2F32412 SICK-VTB180-2F32412 Datasheet
1Mb / 8P
   PHOTOELECTRIC SENSORS
More results

Podobny opis - VTB180-2F32417

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com