Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TP3B475K025C2800AS Arkusz danych(PDF) 7 Page - Vishay Siliconix

Numer części TP3B475K025C2800AS
Szczegółowy opis  Solid Tantalum Surface Mount Chip Capacitors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP3B475K025C2800AS Arkusz danych(HTML) 7 Page - Vishay Siliconix

Back Button TP3B475K025C2800AS Datasheet HTML 3Page - Vishay Siliconix TP3B475K025C2800AS Datasheet HTML 4Page - Vishay Siliconix TP3B475K025C2800AS Datasheet HTML 5Page - Vishay Siliconix TP3B475K025C2800AS Datasheet HTML 6Page - Vishay Siliconix TP3B475K025C2800AS Datasheet HTML 7Page - Vishay Siliconix TP3B475K025C2800AS Datasheet HTML 8Page - Vishay Siliconix TP3B475K025C2800AS Datasheet HTML 9Page - Vishay Siliconix TP3B475K025C2800AS Datasheet HTML 10Page - Vishay Siliconix TP3B475K025C2800AS Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TP3
www.vishay.com
Vishay Sprague
Revision: 22-Jun-17
7
Document Number: 40116
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
16 VDC AT +85 °C; 10 VDC AT +125 °C
1.0
A
TP3A105(1)016(2)9300AS
0.5
4
9.300
0.09
1.0
A
TP3A105(1)016(2)6000AS
0.5
4
6.000
0.11
1.5
A
TP3A155(1)016(2)6700AS
0.5
6
6.700
0.11
1.5
A
TP3A155(1)016(2)6000AS
0.5
6
6.000
0.11
2.2
A
TP3A225(1)016(2)5900AS
0.5
6
5.900
0.11
2.2
A
TP3A225(1)016(2)4000AS
0.5
6
4.000
0.14
2.2
B
TP3B225(1)016(2)4600AS
0.5
6
4.600
0.14
2.2
B
TP3B225(1)016(2)2500AS
0.5
6
2.500
0.18
3.3
A
TP3A335(1)016(2)5000AS
0.5
6
5.000
0.12
3.3
A
TP3A335(1)016(2)4000AS
0.5
6
4.000
0.14
3.3
A
TP3A335(1)016(2)3500AS
0.5
6
3.500
0.15
3.3
B
TP3B335(1)016(2)3500AS
0.5
6
3.500
0.16
3.3
B
TP3B335(1)016(2)2000AS
0.5
6
2.000
0.21
4.7
A
TP3A475(1)016(2)5000AS
0.8
6
5.000
0.12
4.7
A
TP3A475(1)016(2)2500AS
0.8
6
2.500
0.17
4.7
A
TP3A475(1)016(2)2000AS
0.8
6
2.000
0.19
4.7
B
TP3B475(1)016(2)2900AS
0.8
6
2.900
0.17
4.7
B
TP3B475(1)016(2)1500AS
0.8
6
1.500
0.24
6.8
A
TP3A685(1)016(2)4200AS
1.1
6
4.200
0.13
6.8
A
TP3A685(1)016(2)3800AS
1.1
6
3.800
0.14
6.8
A
TP3A685(1)016(2)3000AS
1.1
6
3.000
0.16
6.8
B
TP3B685(1)016(2)2500AS
1.1
6
2.500
0.18
6.8
C
TP3C685(1)016(2)1900AS
1.1
6
1.900
0.24
6.8
C
TP3C685(1)016(2)0600AS
1.1
6
0.600
0.43
10
A
TP3A106(1)016(2)3000AS
1.6
6
3.000
0.16
10
A
TP3A106(1)016(2)1700AS
1.6
6
1.700
0.21
10
B
TP3B106(1)016(2)2000AS
1.6
6
2.000
0.21
10
B
TP3B106(1)016(2)0800AS
1.6
6
0.800
0.33
10
C
TP3C106(1)016(2)1800AS
1.6
6
1.800
0.25
10
C
TP3C106(1)016(2)0450AS
1.6
6
0.450
0.49
15
B
TP3B156(1)016(2)2000AS
2.4
6
2.000
0.21
15
B
TP3B156(1)016(2)0800AS
2.4
6
0.800
0.33
15
C
TP3C156(1)016(2)1500AS
2.4
6
1.500
0.27
15
C
TP3C156(1)016(2)0400AS
2.4
6
0.400
0.52
22
B
TP3B226(1)016(2)1900AS
3.5
6
1.900
0.21
22
B
TP3B226(1)016(2)0700AS
3.5
6
0.700
0.35
22
B
TP3B226(1)016(2)0600AS
3.5
6
0.600
0.38
22
C
TP3C226(1)016(2)1400AS
3.5
6
1.400
0.28
22
C
TP3C226(1)016(2)0800AS
3.5
6
0.800
0.28
22
C
TP3C226(1)016(2)0375AS
3.5
6
0.375
0.54
22
C
TP3C226(1)016(2)0350AS
3.5
6
0.350
0.56
22
D
TP3D226(1)016(3)0800AS
3.5
6
0.800
0.43
22
D
TP3D226(1)016(3)0250AS
3.5
6
0.250
0.77
33
C
TP3C336(1)016(2)1100AS
5.3
6
1.100
0.32
33
C
TP3C336(1)016(2)0300AS
5.3
6
0.300
0.61
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Capacitance tolerance codes: K, M
(2) Terminations and packaging codes: C, D, E, F
(3) Terminations and packaging codes: C, D, E, F, U, V, T, W


Podobny numer części - TP3B475K025C2800AS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TP3B475 VISHAY-TP3B475 Datasheet
135Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Revision: 04-Jun-08
More results

Podobny opis - TP3B475K025C2800AS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
593D475X9050D2T VISHAY-593D475X9050D2T Datasheet
398Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X9020B2TE3 VISHAY-293D106X9020B2TE3 Datasheet
421Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X0016B2TE3 VISHAY-293D106X0016B2TE3 Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X06R3B2TE3 VISHAY-593D107X06R3B2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TM3 VISHAY-TM3_17 Datasheet
546Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D475X9020B2TE3 VISHAY-293D475X9020B2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 21-Mar-13
293D VISHAY-293D Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
logo
Cornell Dubilier Electr...
T491 CDE-T491 Datasheet
368Kb / 5P
   Solid Tantalum Chip Capacitors for Surface Mount Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com