Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

30F40UA3 Arkusz danych(PDF) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Numer części 30F40UA3
Szczegółowy opis  FAST RECOVER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Strona internetowa  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

30F40UA3 Arkusz danych(HTML) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  30F40UA3 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 30F40UA3 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 30F40UA3 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 30F40UA3 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
R
30F40UA3
版本:
201310A
4/4
附录(Appendix):修订记录(Revision History)
日期 Date
旧版本 Last Rev.
新版本 New Rev.
修订内容 Description of Changes
注意事项
1.吉林华微电子股份有限公司的产品销售分
为直销和销售代理,无论哪种方式,订货
时请与公司核实。
2.购买时请认清公司商标,如有疑问请与公
司本部联系。
3.在电路设计时请不要超过器件的绝对最大
额定值,否则会影响整机的可靠性。
4.本说明书如有版本变更不另外告知
NOTES
1. Jilin Sino-microelectronics co.Ltd sales its
product either through direct sales or sales
agent , thus, for customers, when ordering ,
please check with our company.
2. We strongly recommend customers check
carefully on the trademark when buying our
product, if there is any question, please
don’t be hesitate to contact us.
3. Please do not exceed the absolute
maximum ratings of the device when circuit
designing.
4. Jilin Sino-microelectronics co, Ltd reserves
the right to make changes in this
specification sheet and is subject to
change without prior notice.
联系方式
吉林华微电子股份有限公司
公司地址:吉林省吉林市深圳街
99 号
邮编:
132013
总机:
86-432-64678411
传真:
86-432-64665812
网址:TUwww.hwdz.com.cnUTHHH
市场营销部
地址:吉林省吉林市深圳街
99 号
邮编:
132013
电话:
86-432-64675588
64675688
64678411-3098/3099
传真
: 86-432-64671533
CONTACT
JILIN SINO-MICROELECTRONICS CO.LTD.
ADD: No.99 Shenzhen Street, Jilin City, Jilin
Province, China.
Post Code: 132013
Tel:86-432-64678411
Fax:86-432-64665812
Web Site:HHHTUwww.hwdz.com.cnUTHHH
MARKET DEPARTMENT
ADD: No.99 Shenzhen Street, Jilin City, Jilin
Province, China.
Post Code: 132013
Tel:
86-432-64675588
64675688
64678411-3098/3099
Fax: 86-432-64671533


Podobny numer części - 30F40UA3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
30F4013 MICROCHIP-30F4013 Datasheet
1Mb / 228P
   High-Performance,16-bit Digital Signal Controllers
08/04/10
logo
Thinki Semiconductor Co...
30F40FA THINKISEMI-30F40FA Datasheet
278Kb / 2P
   30.0 Ampere Insulated Dual Common Cathode Fast Recovery Rectifiers
Rev.12T
More results

Podobny opis - 30F40UA3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
JILIN SINO-MICROELECTRO...
5F40HF JSMC-5F40HF Datasheet
231Kb / 5P
   FAST RECOVER DIODE
5F60D JSMC-5F60D Datasheet
237Kb / 5P
   FAST RECOVER DIODE
10F40HF JSMC-10F40HF Datasheet
230Kb / 5P
   FAST RECOVER DIODE
10F60HF JSMC-10F60HF Datasheet
260Kb / 6P
   FAST RECOVER DIODE
10F60UHF JSMC-10F60UHF Datasheet
254Kb / 6P
   FAST RECOVER DIODE
20F60HF3 JSMC-20F60HF3 Datasheet
455Kb / 5P
   Fast Recover Diode
60F30SAB3 JSMC-60F30SAB3 Datasheet
410Kb / 5P
   FAST RECOVER DIODE
75F120W JSMC-75F120W Datasheet
220Kb / 5P
   FAST RECOVER DIODE
60F60W JSMC-60F60W Datasheet
254Kb / 6P
   FAST RECOVER DIODE
10F40HF3S JSMC-10F40HF3S Datasheet
277Kb / 5P
   FAST RECOVER DIODE
12F60UHF JSMC-12F60UHF Datasheet
284Kb / 6P
   FAST RECOVER DIODE
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com