Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7142 Arkusz danych(PDF) 37 Page - Analog Devices

Numer części AD7142
Szczegółowy opis  Programmable Controller for Capacitance Touch Sensors
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7142 Arkusz danych(HTML) 37 Page - Analog Devices

Back Button AD7142_17 Datasheet HTML 33Page - Analog Devices AD7142_17 Datasheet HTML 34Page - Analog Devices AD7142_17 Datasheet HTML 35Page - Analog Devices AD7142_17 Datasheet HTML 36Page - Analog Devices AD7142_17 Datasheet HTML 37Page - Analog Devices AD7142_17 Datasheet HTML 38Page - Analog Devices AD7142_17 Datasheet HTML 39Page - Analog Devices AD7142_17 Datasheet HTML 40Page - Analog Devices AD7142_17 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
Data Sheet
AD7142
Rev. B | Page 37 of 70
PCB DESIGN GUIDELINES
CAPACITIVE SENSOR BOARD MECHANICAL SPECIFICATIONS
Table 19.
Parameter
Symbol
Min
Typ
Max
Unit
Distance from Edge of Any Sensor to Edge of Grounded Metal Object
D1
0.1
mm
Distance Between Sensor Edges1
D2 = D3 = D4
0
mm
Distance Between Bottom of Sensor Board and Controller Board or Grounded
Metal Casing2
D5
1.0
mm
1
The distance is dependent on the application and the positioning of the switches relative to each other and with respect to the user’s finger positioning and handling.
Adjacent sensors, with 0 minimum space between them, are implemented differentially.
2
The 1.0 mm specification is meant to prevent direct sensor board contact with any conductive material. This specification does not guarantee no EMI coupling from
the controller board to the sensors. Address potential EMI coupling issues by placing a grounded metal shield between the capacitive sensor board and the main
controller board as shown in Figure 55.
SLIDER
BUTTONS
CAPACITIVE SENSOR
PRINTED CIRCUIT
D1
D3
D4
8-WAY
SWITCH
METAL OBJECT
D2
Figure 53. Capacitive Sensor Board Mechanicals Top View
D5
CONTROLLER PRINTED CIRCUIT BOARD OR METAL CASING
CAPACITIVE SENSOR BOARD
Figure 54. Capacitive Sensor Board Mechanicals Side View
CAPACITIVE SENSOR BOARD
D5
CONTROLLER PRINTED CIRCUIT BOARD OR METAL CASING
GROUNDED METAL SHIELD
Figure 55. Capacitive Sensor Board with Grounded Shield
CHIP SCALE PACKAGES
The lands on the chip scale package (CP-32-3) are rectangular.
The printed circuit board pad for these must be 0.1 mm longer
than the package land length, and 0.05 mm wider than the
package land width. Center the land on the pad to maximize the
solder joint size.
The bottom of the chip scale package has a central thermal pad.
The thermal pad on the printed circuit board must be at least as
large as this exposed pad. To avoid shorting, provide a clearance
of at least 0.25 mm between the thermal pad and the inner
edges of the land pattern on the printed circuit board.
Thermal vias can be used on the printed circuit board thermal
pad to improve thermal performance of the package. If vias are
used, they must be incorporated in the thermal pad at a 1.2 mm
pitch grid. The via diameter must be between 0.3 mm and
0.33 mm, and the via barrel must be plated with 1 oz. copper to
plug the via.
Connect the printed circuit board thermal pad to GND.


Podobny numer części - AD7142_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
More results

Podobny opis - AD7142_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7143 AD-AD7143 Datasheet
1,006Kb / 56P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7143 AD-AD7143_17 Datasheet
589Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
AD7143 AD-AD7143_15 Datasheet
784Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7142ACPZ-500RL7 AD-AD7142ACPZ-500RL7 Datasheet
844Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7148 AD-AD7148 Datasheet
1Mb / 56P
   Programmable Touch Controller for Single Electrode Capacitance Sensors
REV. 0
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
logo
ON Semiconductor
LC717A30UR ONSEMI-LC717A30UR Datasheet
241Kb / 14P
   Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com