Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7747 Arkusz danych(PDF) 24 Page - Analog Devices

Numer części AD7747
Szczegółowy opis  24-Bit Capacitance-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7747 Arkusz danych(HTML) 24 Page - Analog Devices

Back Button AD7747_17 Datasheet HTML 20Page - Analog Devices AD7747_17 Datasheet HTML 21Page - Analog Devices AD7747_17 Datasheet HTML 22Page - Analog Devices AD7747_17 Datasheet HTML 23Page - Analog Devices AD7747_17 Datasheet HTML 24Page - Analog Devices AD7747_17 Datasheet HTML 25Page - Analog Devices AD7747_17 Datasheet HTML 26Page - Analog Devices AD7747_17 Datasheet HTML 27Page - Analog Devices AD7747_17 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
AD7747
Rev. 0 | Page 23 of 28
CAPDIFF = 1
±8pF
CDC
CAPDAC(+)
17pF
CAPDAC(–)
17pF
CY
17pF
SHLD
CIN(+)
CIN(–)
0x000000
TO
0xFFFFFF
DATA
CX
9 TO 25pF
(17pF ± 8pF)
Figure 32. Using CAPDAC in Differential Configuration
PARASITIC CAPACITANCE
The CDC architecture used in the AD7747 measures the
capacitance CX connected between the CIN pin and ground.
Most applications use the active shield to avoid external influ-
ences during the CDC. However, any parasitic capacitance, CP,
as shown in Figure 33, can affect the CDC result.
DATA
CDC
SHLD
CIN
CX
CP1
CP2
CP3
Figure 33. Parasitic Capacitance
A parasitic capacitance, CP1, coupled in between CIN and
ground adds directly to the value of the capacitance CX and,
therefore, the CDC result is: DATA ≈ CX + CP1. An offset cali-
bration might be sufficient to compensate for a small parasitic
capacitance (CP1 ≤ 1pF). For a larger parasitic capacitance, the
CAPDAC can be used to compensate, followed by an offset
calibration to ensure the full range of ±8pF is available for
the system.
Other parasitic capacitances, such as CP2 between active shield
and ground as well as CP3 between the CIN pin and SHLD,
could influence the conversion result. However, the graphs in
the Typical Performance Characteristics section show that the
effect of parasitic capacitance of type CP2/CP3 below 250 pF is
insignificant to the CDC result. Figure 7 and Figure 8 show the
gain error caused by CP2. Figure 9 shows the gain error caused
by CP3.
PARASITIC RESISTANCE
DATA
CDC
SHLD
CIN
CX
RP1
RP3
RP2
Figure 34. Parasitic Resistance on CIN
Parasitic resistances, as shown in Figure 34, cause leakage
currents, which affect the CDC result. The AD7747 CDC
measures the charge transfer between the CIN pin and ground.
Any resistance connected in parallel to the measured
capacitance, CX, such as the parasitic resistance, RP1, also
transfers charge. Therefore, the parallel resistor is seen as an
additional capacitance in the output data. A resistance in the
range of RP1 ≥ 10 MΩ causes an offset error in the CDC result.
An offset calibration can be used to compensate for the effect of
small leakage currents. A higher leakage current to ground,
RP1 ≤ 10 MΩ, results in a gain error, an offset error, and a
nonlinearity error. See Figure 10 in the Typical Performance
Characteristics section.
A parasitic resistance, R P2, between SHLD and ground, as well
as RP3 between the CIN pin and the active shield, as shown in
Figure 34, cause a leakage current, which affects the CDC result
and is seen as an offset in the data. An offset calibration can be
used to compensate for effect of the small leakage current
caused by a resistance RP2 and RP3 ≥ 200 kΩ. See Figure 11,
Figure 12, and Figure 13 in the Typical Performance
Characteristics section.
PARASITIC SERIAL RESISTANCE
DATA
CDC
SHLD
CIN
CX
RS
Figure 35. Parasitic Serial Resistance
The AD7747 CDC result is affected by a resistance in series
with the measured capacitance. The serial resistance should be
less than 10 kΩ for the specified performance. See Figure 14 in
the Typical Performance Characteristics section.
CAPACITIVE GAIN CALIBRATION
The AD7747 gain is factory calibrated for the full scale of
±8.192 pF in the production for each part individually. The
factory gain coefficient is stored in a one-time programmable
(OTP) memory and is copied to the capacitive gain register at
power-up or after reset.
The gain can be changed by executing a capacitance gain calibra-
tion mode, for which an external full-scale capacitance needs
to be connected to the capacitance input, or by writing a user
value to the capacitive gain register. This change would be only
temporary, and the factory gain coefficient would be reloaded
back after power-up or reset. The part is tested and specified for
use only with the default factory calibration coefficient.


Podobny numer części - AD7747_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7747ARUZ AD-AD7747ARUZ Datasheet
428Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
More results

Podobny opis - AD7747_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7745 AD-AD7745_15 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746 AD-AD7746_15 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747 AD-AD7747 Datasheet
205Kb / 20P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
Rev. PrC, 28. July 2006
AD7745 AD-AD7745 Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746 AD-AD7746 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747ARUZ AD-AD7747ARUZ Datasheet
428Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com