Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7843 Arkusz danych(PDF) 16 Page - Analog Devices

Numer części AD7843
Szczegółowy opis  Touch Screen Digitizer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7843 Arkusz danych(HTML) 16 Page - Analog Devices

Back Button AD7843_17 Datasheet HTML 12Page - Analog Devices AD7843_17 Datasheet HTML 13Page - Analog Devices AD7843_17 Datasheet HTML 14Page - Analog Devices AD7843_17 Datasheet HTML 15Page - Analog Devices AD7843_17 Datasheet HTML 16Page - Analog Devices AD7843_17 Datasheet HTML 17Page - Analog Devices AD7843_17 Datasheet HTML 18Page - Analog Devices AD7843_17 Datasheet HTML 19Page - Analog Devices AD7843_17 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
AD7843
Rev. B | Page 15 of 20
POWER VS. THROUGHPUT RATE
By using the power-down options on the AD7843 when not
converting, the average power consumption of the device
decreases at lower throughput rates. Figure 23 shows how, as the
throughput rate is reduced while maintaining the DCLK
frequency at 2 MHz, the device remains in its power-down state
longer and the average current consumption over time drops
accordingly.
For example, if the AD7843 is operated in a 24 DCLK
continuous sampling mode, with a throughput rate of 10 kSPS
and a SCLK of 2 MHz, and the device is placed in the power-
down mode between conversions, (PD0, PD1 = 0, 0), the current
consumption is calculated as follows. The power dissipation
during normal operation is typically 210 µA (VCC = 2.7 V). The
power-up time of the ADC is instantaneous, so when the part is
converting, it consumes 210 µA. In this mode of operation, the
part powers up on the fourth falling edge of DCLK after the
start bit is recognized. It goes back into power-down at the end
of conversion on the 20th falling edge of DCLK. This means the
part consumes 210 µA for 16 DCLK cycles only, 8 µs, during
each conversion cycle. With a throughput rate of 10 kSPS, the
cycle time is 100 µs and the average power dissipated during
each cycle is (8/100) × (210 µA) = 16.8 µA.
1
100
10
1000
0
120
THROUGHPUT (kSPS)
40
60
0
20
80
100
fDCLK = 16 × fSAMPLE
fDCLK = 2MHz
VCC = 2.7V
TA = –40°C TO +95°C
Figure 23. Supply Current vs. Throughput (µA)
Table 7. Power Management Options
PD1
PD0
PENIRQ
Description
0
0
Enabled
This configuration results in power-down of the device between conversions. The AD7843 only powers down
between conversions. Once PD1 and PD0 are set to 0, 0, the conversion is performed first, and the AD7843
powers down upon completion of that conversion. At the start of the next conversion, the ADC instantly powers
up to full power. This means there is no need for additional delays to ensure full operation, and the very first
conversion is valid. The Y− switch is on while in power-down.
0
1
Disabled
This configuration results in the same behavior as when PD1 and PD0 have been programmed with 0, 0, except
that PENIRQ is disabled. The Y− switch is off while in power-down.
1
0
Enabled
This configuration results in keeping the AD7843 permanently powered up with PENIRQ enabled.
1
1
Disabled
This configuration results in keeping the AD7843 always powered up with PENIRQ disabled.


Podobny numer części - AD7843_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7843 AD-AD7843_15 Datasheet
480Kb / 21P
   Touch Screen Digitizer
REV. B
More results

Podobny opis - AD7843_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7873 AD-AD7873_15 Datasheet
657Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7873ACP-REEL7 AD-AD7873ACP-REEL7 Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7873 AD-AD7873 Datasheet
657Kb / 28P
   Touch Screen Digitizer
Rev. D
AD7843 AD-AD7843 Datasheet
194Kb / 16P
   Touch Screen Digitizer
REV. 0
AD7873ARQZ AD-AD7873ARQZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7843 AD-AD7843_15 Datasheet
480Kb / 21P
   Touch Screen Digitizer
REV. B
AD7843ARUZ AD-AD7843ARUZ Datasheet
440Kb / 21P
   Touch Screen Digitizer
REV. B
AD7873 AD-AD7873_17 Datasheet
480Kb / 29P
   Touch Screen Digitizer
logo
Semtech Corporation
UR7HCTS2-U860 SEMTECH-UR7HCTS2-U860 Datasheet
107Kb / 12P
   High-Performance USB Touch Screen Controller / Digitizer
UR7HCTS2-S840 SEMTECH-UR7HCTS2-S840 Datasheet
157Kb / 16P
   High-Performance, Low Power Touch Screen Controller/Digitizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com