Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7156BCPZ-REEL7 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD7156BCPZ-REEL7
Szczegółowy opis  2-Channel Capacitance Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7156BCPZ-REEL7 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD7156BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD7156BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7156BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7156BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7156BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices AD7156BCPZ-REEL7 Datasheet HTML 10Page - Analog Devices AD7156BCPZ-REEL7 Datasheet HTML 11Page - Analog Devices AD7156BCPZ-REEL7 Datasheet HTML 12Page - Analog Devices AD7156BCPZ-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AD7156
Rev. 0 | Page 8 of 2
0
0
50
100
150
200
250
300
CAPACITANCE CIN TO GROUND (pF)
TYPICAL PERFORMANCE CHARACTERISTICS
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
1.8V
3.3V
1
0
–1
–2
–3
–4
0
500
1000
1500
2000
CAPACITANCE EXC TO GROUND (pF)
1.8V
3.3V
Figure 4. Capacitance Input Offset Error vs. Capacitance CIN to GND,
VDD = 1.8 V and 3.3 V, EXC Pin Open Circuit
Figure 7. Capacitance Input Offset Error vs. Capacitance EXC to GND,
VDD = 1.8 V and 3.3 V, CIN Pin Open Circuit
5
0
–5
–10
–15
–20
8
–25
0
50
100
150
200
250
300
CAPACITANCE CIN TO GROUND (pF)
1.8V
3.3V
0
500
1000
1500
2000
CAPACITANCE EXC TO GROUND (pF)
1.8V
3.3V
1
0
–1
–2
–3
–4
1
0
–1
–2
–3
–4
0
500
1000
1500
2000
CAPACITANCE EXC TO GROUND (pF)
Figure 5. Capacitance Input Gain Error vs. Capacitance CIN to GND,
VDD = 1.8 V and 3.3 V, CIN to EXC = 3 pF
Figure 8. Capacitance Input Gain Error vs. Capacitance EXC to GND,
VDD = 1.8 V and 3.3 V, CIN to EXC = 3 pF
5
0
–5
–10
–15
–20
–25
0
50
100
150
200
250
300
CAPACITANCE CIN TO GROUND (pF)
1.8V
3.3V
Figure 6. Capacitance Input Gain Error vs. Capacitance CIN to GND,
VDD = 1.8 V and 3.3 V, CIN to EXC = 9 pF
1.8V
3.3V
Figure 9. Capacitance Input Gain Error vs. Capacitance EXC to GND,
VDD = 1.8 V and 3.3 V, CIN to EXC = 9 pF


Podobny numer części - AD7156BCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7156BCPZ-REEL7 AD-AD7156BCPZ-REEL7 Datasheet
533Kb / 28P
   Ultralow Power, 1.8 V, 3 mm 횞 3 mm, 2-Channel Capacitance Converter
REV. 0
More results

Podobny opis - AD7156BCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7150 AD-AD7150_15 Datasheet
986Kb / 28P
   Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
REV. 0
AD7150 AD-AD7150 Datasheet
986Kb / 28P
   Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
REV. 0
logo
Texas Instruments
FDC1004 TI1-FDC1004 Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004Q TI1-FDC1004Q Datasheet
1Mb / 29P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
logo
ON Semiconductor
LC717A10AJ ONSEMI-LC717A10AJ_17 Datasheet
145Kb / 13P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 2
logo
Analog Devices
AD7156 AD-AD7156 Datasheet
533Kb / 28P
   Ultralow Power, 1.8 V, 3 mm 횞 3 mm, 2-Channel Capacitance Converter
REV. 0
logo
ON Semiconductor
LC717A10AR ONSEMI-LC717A10AR_17 Datasheet
139Kb / 13P
   Capacitance-Digital-Converter
October, 2017 ??Rev. 1
LC717A10PJ ONSEMI-LC717A10PJ_17 Datasheet
154Kb / 14P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 0
logo
Linear Technology
LTC4305 LINER-LTC4305_15 Datasheet
256Kb / 20P
   2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4305 LINER-LTC4305 Datasheet
250Kb / 20P
   2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com