Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7877 Arkusz danych(PDF) 20 Page - Analog Devices

Numer części AD7877
Szczegółowy opis  Touch Screen Controller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7877 Arkusz danych(HTML) 20 Page - Analog Devices

Back Button AD7877_17 Datasheet HTML 16Page - Analog Devices AD7877_17 Datasheet HTML 17Page - Analog Devices AD7877_17 Datasheet HTML 18Page - Analog Devices AD7877_17 Datasheet HTML 19Page - Analog Devices AD7877_17 Datasheet HTML 20Page - Analog Devices AD7877_17 Datasheet HTML 21Page - Analog Devices AD7877_17 Datasheet HTML 22Page - Analog Devices AD7877_17 Datasheet HTML 23Page - Analog Devices AD7877_17 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Data Sheet
AD7877
AUXILIARY INPUTS
The AD7877 has three auxiliary analog inputs, AUX1 to AUX3.
These channels have a full-scale input range from 0 V to VREF.
The ADC channel addresses for AUX1 to AUX3 are 0011b,
0100b, and 0101b, and the results are stored in Register 10011b,
Register 10100b, and Register 10101b. These pins can also be
reconfigured as general-purpose logic inputs/outputs, as
described in the GPIO Configuration section.
LIMIT COMPARISON
The AUX1 measurement, the two battery measurements, and
the TEMP1 measurement can all be compared with high and
low limits, and an out-of-limit result that generates an alarm
output at the ALERT pin. The limits are stored in registers with
addresses from 00100b to 01011b. After a measurement from
any one of the four channels is converted, it is compared with
the corresponding high and low limits. An out-of-limit result
sets one of the status bits in the alert status/enable register. For
details on these and other registers, see the Register Maps and
Detailed Register Descriptions sections. For details on writing
and reading data, see the Serial Interface section.
As described in the Single Conversion Method section, the
temperature comparison is made using the result of the TEMP1
measurement, that is, the diode forward voltage. Because the
temperature coefficient of the diode is known but the actual
forward voltage can have a wide tolerance, it is not possible
to program the high and low limit registers with predeter-
mined values.
Instead, it is necessary to calibrate the temperature measure-
ment, calculate the TEMP1 readings at the high and low limit
temperatures, and then program those values into the limit
registers, as follows:
1. Calculate
LSB per degree = −2.1 mV/(VREF/4096).
2. Save the calibration reading DCAL at the calibration
temperature, TCAL.
3. Subtract TCAL from limit temperatures THIGH and TLOW
to get the difference in degrees between the limit
temperatures and the calibration temperature.
4. Multiply this value by LSB per degree to obtain the
value in LSBs.
5. Add these values to the digital value at the calibration
temperature to get the digital high and low limit values.
Example:
The internal 2.5 V reference is used.
1. THIGH = +65°C and TLOW = −10°C.
2. LSB per degree = −2.1 × 10−3/(2.5/4096) = −3.44.
3. DCAL = 983 decimal at 25°C.
4. DHIGH = (65 − 25) × −3.44 + 983 = 845.
5. DLOW = (−10 − 25) × −3.44 + 983 = 1103.
Rev. E | Page 19 of 45


Podobny numer części - AD7877_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7877 AD-AD7877_15 Datasheet
843Kb / 45P
   Touch Screen Controller
REV. D
More results

Podobny opis - AD7877_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com