Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7879 Arkusz danych(PDF) 31 Page - Analog Devices

Numer części AD7879
Szczegółowy opis  Low Voltage Controller for Touch Screens
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7879 Arkusz danych(HTML) 31 Page - Analog Devices

Back Button AD7879_17 Datasheet HTML 27Page - Analog Devices AD7879_17 Datasheet HTML 28Page - Analog Devices AD7879_17 Datasheet HTML 29Page - Analog Devices AD7879_17 Datasheet HTML 30Page - Analog Devices AD7879_17 Datasheet HTML 31Page - Analog Devices AD7879_17 Datasheet HTML 32Page - Analog Devices AD7879_17 Datasheet HTML 33Page - Analog Devices AD7879_17 Datasheet HTML 34Page - Analog Devices AD7879_17 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
Data Sheet
AD7879/AD7889
Rev. D | Page 31 of 40
INTERRUPTS
The AD7879/AD7889 have a dual function interrupt output, INT,
as well as a pen-down interrupt, PENIRQ. The INT output can be
configured as a data available interrupt (DAV), as an out of limit
interrupt (INT), or as a GPIO interrupt.
DAV—Data Available Interrupt
The behavior of the interrupt output is controlled by Bit 13 in
Control Register 3. In default mode (Bit 13 = 0), INT operates
as a data available interrupt (DAV). When the AD7879/AD7889
finish a conversion or a conversion sequence, the interrupt is
asserted to let the host know that new ADC data is available in
the result registers.
While the ADC is idle or is converting, DAV is high. When the
ADC finishes converting and new data has been written to the
result registers, DAV goes low. Reading the result registers resets
DAV to a high condition. DAV is also reset if a new conversion
is started by the AD7879/AD7889 because the timer expired.
The host reads the result registers only when DAV is low. To ensure
correct operation of the DAV mode when using the SPI interface, it
is necessary to write 0x0000 to Register 0x81 after a set of
register reads. This write clears the internal data read signal.
ADC
CONVERTING
SETUP
BY HOST
IDLE
NEW DATA
AVAILABLE
HOST READS
RESULTS
IDLE
tCONV
AD7879
STATUS
DAV
Figure 35. Operation of DAV Output
When the on-board timer is programmed to perform automatic
conversions, limited time is available to the host to read the
result registers before another sequence of conversions begins.
The DAV signal is reset high when the timer expires, and the
host should not access the result registers while DAV is high.
INT—Out of Limit Interrupt
The INT pin operates as an alarm or interrupt output when
Bit 13 in Control Register 3 (Address 0x03) is set to 1. The
output goes low if any one of the interrupt sources is asserted.
The results of high and low limit comparisons on the AUX,
VBAT, and TEMP channels are interrupt sources. An out of
limit comparison sets a status bit in the interrupt register. A
separate status bit for the high limit and the low limit on each
channel indicates which limit was exceeded. The interrupt
sources can be masked by setting the corresponding enable bit
in this register to 1. There is one enable bit per channel.
PENIRQ—Pen Interrupt
The pen interrupt request output (PENIRQ) goes low whenever
the screen is touched and the PENIRQ enable bit is set to 0
(Control Register 1, Bit 15). When PENIRQ enable is set to 1,
the pen interrupt request output is disabled.
The pen interrupt equivalent output circuitry is shown in Figure 36.
This digital logic output has an internal 50 kΩ pull-up resistor,
so it does not need an external pull-up. The PENIRQ output
idles high, and the PENIRQ circuitry is always enabled in
master mode (ADC mode = 11), except during conversions.
X+
TOUCH
SCREEN
Y+
50kΩ
Y–
X–
PENIRQ
ENABLE
PENIRQ
VCC
VCC
Figure 36. PENIRQ Output Equivalent Circuit
When the screen is touched, PENIRQ goes low. This generates
an interrupt request to the host. When the screen touch ends,
PENIRQ immediately goes high if the ADC is idle. If the ADC
is converting, PENIRQ goes high when the ADC becomes idle.
The PENIRQ operation for these two conditions is shown in
Figure 37.
SCREEN
PENIRQ
ADC
STATUS
TOUCHED
NOT
TOUCHED
NOT
TOUCHED
NOT
TOUCHED
NOT
TOUCHED
ADC IDLE
SCREEN
PENIRQ
ADC
STATUS
TOUCHED
ADC IDLE
ADC
CONVERTING
ADC IDLE
RELEASE NOT
DETECTED
PENIRQ
DETECTS
RELEASE
PENIRQ
DETECTS
RELEASE
PENIRQ
DETECTS
TOUCH
PENIRQ
DETECTS
TOUCH
Figure 37. PENIRQ Operation for ADC Idle and ADC Converting


Podobny numer części - AD7879_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7879-1ACBZ-500R7 AD-AD7879-1ACBZ-500R7 Datasheet
652Kb / 36P
   Low Voltage Controller for Touch Screens
REV. 0
AD7879-1ACBZ-500R7 AD-AD7879-1ACBZ-500R7 Datasheet
779Kb / 40P
   Low Voltage Controller for Touch Screens
AD7879-1ACBZ-RL AD-AD7879-1ACBZ-RL Datasheet
652Kb / 36P
   Low Voltage Controller for Touch Screens
REV. 0
AD7879-1ACBZ-RL AD-AD7879-1ACBZ-RL Datasheet
779Kb / 40P
   Low Voltage Controller for Touch Screens
AD7879-1ACPZ-500R7 AD-AD7879-1ACPZ-500R7 Datasheet
652Kb / 36P
   Low Voltage Controller for Touch Screens
REV. 0
More results

Podobny opis - AD7879_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7879 AD-AD7879 Datasheet
652Kb / 36P
   Low Voltage Controller for Touch Screens
REV. 0
AD7889 AD-AD7889 Datasheet
779Kb / 40P
   Low Voltage Controller for Touch Screens
logo
3M Electronics
69-502 3M-69-502 Datasheet
131Kb / 2P
   MicroTouch™ TouchPen System for ClearTek™ II Touch Screens
logo
Burr-Brown (TI)
TSC2046E BURR-BROWN-TSC2046E_07 Datasheet
645Kb / 30P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
Texas Instruments
TSC2046E-Q1 TI1-TSC2046E-Q1 Datasheet
803Kb / 28P
[Old version datasheet]   LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
TSC2046 BURR-BROWN-TSC2046 Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
TSC2046S FUMAN-TSC2046S Datasheet
611Kb / 21P
   Low Voltage I/O Touch Screen Controller
logo
Texas Instruments
TSC2046 TI1-TSC2046_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4187 AKM-AK4187 Datasheet
448Kb / 36P
   Touch Screen Controller for Dual Touch Gestures
logo
List of Unclassifed Man...
FTAS00-150A5 ETC2-FTAS00-150A5 Datasheet
470Kb / 6P
   Resistive Touch Screens 5-Wire, 4-Wire & Digital Solutions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com