Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7879 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD7879
Szczegółowy opis  Low Voltage Controller for Touch Screens
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7879 Arkusz danych(HTML) 5 Page - Analog Devices

  AD7879 Datasheet HTML 1Page - Analog Devices AD7879 Datasheet HTML 2Page - Analog Devices AD7879 Datasheet HTML 3Page - Analog Devices AD7879 Datasheet HTML 4Page - Analog Devices AD7879 Datasheet HTML 5Page - Analog Devices AD7879 Datasheet HTML 6Page - Analog Devices AD7879 Datasheet HTML 7Page - Analog Devices AD7879 Datasheet HTML 8Page - Analog Devices AD7879 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Data Sheet
AD7879/AD7889
Rev. D | Page 5 of 40
I2C TIMING SPECIFICATIONS (AD7879-1/AD7889-1)
VCC = 1.6 V to 3.6 V, TA = −40°C to +85°C, unless otherwise noted. Sample tested at 25°C to ensure compliance. All input signals are
timed from a voltage level of 1.4 V.
Table 3.
Parameter1
Limit
Unit
Description
fSCL
400
kHz max
t1
0.6
μs min
Start condition hold time, tHD; STA
t2
1.3
μs min
Clock low period, tLOW
t3
0.6
μs min
Clock high period, tHIGH
t4
100
ns min
Data setup time, tSU; DAT
t5
300
ns min
Data hold time, tHD; DAT
t6
0.6
μs min
Stop condition setup time, tSU; STO
t7
0.6
μs min
Start condition setup time, tSU; STA
t8
1.3
μs min
Bus-free time between stop and start conditions, tBUF
tR
300
ns max
Clock/data rise time
tF
300
ns max
Clock/data fall time
1 Guaranteed by design; not production tested.
SCL
SDA
tR
tF
t2
t5
t1
t3
t4
STOP START
STOP
START
t7
t6
t1
t8
Figure 3. Detailed I2C Timing Diagram


Podobny numer części - AD7879

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7879 AD-AD7879 Datasheet
652Kb / 36P
   Low Voltage Controller for Touch Screens
REV. 0
AD7879 AD-AD7879 Datasheet
779Kb / 40P
   Low Voltage Controller for Touch Screens
AD7879-1ACBZ-500R7 AD-AD7879-1ACBZ-500R7 Datasheet
652Kb / 36P
   Low Voltage Controller for Touch Screens
REV. 0
AD7879-1ACBZ-500R7 AD-AD7879-1ACBZ-500R7 Datasheet
779Kb / 40P
   Low Voltage Controller for Touch Screens
AD7879-1ACBZ-RL AD-AD7879-1ACBZ-RL Datasheet
652Kb / 36P
   Low Voltage Controller for Touch Screens
REV. 0
More results

Podobny opis - AD7879

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7879 AD-AD7879 Datasheet
652Kb / 36P
   Low Voltage Controller for Touch Screens
REV. 0
AD7889 AD-AD7889 Datasheet
779Kb / 40P
   Low Voltage Controller for Touch Screens
logo
3M Electronics
69-502 3M-69-502 Datasheet
131Kb / 2P
   MicroTouch™ TouchPen System for ClearTek™ II Touch Screens
logo
Burr-Brown (TI)
TSC2046E BURR-BROWN-TSC2046E_07 Datasheet
645Kb / 30P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
Texas Instruments
TSC2046E-Q1 TI1-TSC2046E-Q1 Datasheet
803Kb / 28P
[Old version datasheet]   LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
TSC2046 BURR-BROWN-TSC2046 Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
TSC2046S FUMAN-TSC2046S Datasheet
611Kb / 21P
   Low Voltage I/O Touch Screen Controller
logo
Texas Instruments
TSC2046 TI1-TSC2046_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4187 AKM-AK4187 Datasheet
448Kb / 36P
   Touch Screen Controller for Dual Touch Gestures
logo
List of Unclassifed Man...
FTAS00-150A5 ETC2-FTAS00-150A5 Datasheet
470Kb / 6P
   Resistive Touch Screens 5-Wire, 4-Wire & Digital Solutions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com