Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD73322 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD73322
Szczegółowy opis  Low Cost, Low Power CMOS General-Purpose Dual Analog Front
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD73322 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD73322_17 Datasheet HTML 6Page - Analog Devices AD73322_17 Datasheet HTML 7Page - Analog Devices AD73322_17 Datasheet HTML 8Page - Analog Devices AD73322_17 Datasheet HTML 9Page - Analog Devices AD73322_17 Datasheet HTML 10Page - Analog Devices AD73322_17 Datasheet HTML 11Page - Analog Devices AD73322_17 Datasheet HTML 12Page - Analog Devices AD73322_17 Datasheet HTML 13Page - Analog Devices AD73322_17 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
AD73322
–9–
REV. B
TIMING CHARACTERISTICS
Limit at
Parameter
TA = –40 C to +85 C
Units
Description
Clock Signals
See Figure 1
t1
61
ns min
MCLK Period
t2
24.4
ns min
MCLK Width High
t3
24.4
ns min
MCLK Width Low
Serial Port
See Figures 3 and 4
t4
t1
ns min
SCLK Period
t5
0.4
× t
1
ns min
SCLK Width High
t6
0.4
× t
1
ns min
SCLK Width Low
t7
20
ns typ
SDI/SDIFS Setup Before SCLK Low
t8
0
ns typ
SDI/SDIFS Hold After SCLK Low
t9
10
ns typ
SDOFS Delay from SCLK High
t10
10
ns typ
SDOFS Hold After SCLK High
t11
10
ns typ
SDO Hold After SCLK High
t12
10
ns typ
SDO Delay from SCLK High
t13
30
ns typ
SCLK Delay from MCLK
Specifications subject to change without notice.
(AVDD = +5 V
10%; DVDD = +5 V
10%; AGND = DGND = 0 V; TA = TMlN to TMAX, unless
otherwise noted)
t3
t2
t1
Figure 1. MCLK Timing
t11
t7
t9
t10
t7
t8
t8
SE (I)
SCLK (O)
SDIFS (I)
SDI (I)
SDOFS (O)
SDO (O)
THREE-
STATE
THREE-
STATE
THREE-
STATE
D15
D2D1D0
D14
D15
D0
D1
D14
D15
D15
t12
Figure 4. Serial Port (SPORT)
t3
t1
t2
t13
* SCLK IS INDIVIDUALLY PROGRAMMABLE
IN FREQUENCY (MCLK/4 SHOWN HERE).
t4
t5
t6
MCLK
SCLK*
Figure 3. SCLK Timing
TO OUTPUT
PIN
+2.1V
100 A
100 A
IOL
IOH
CL
15pF
Figure 2. Load Circuit for Timing Specifications


Podobny numer części - AD73322_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
More results

Podobny opis - AD73322_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD73322L AD-AD73322L_17 Datasheet
767Kb / 49P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322L AD-AD73322L Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322L AD-AD73322L_15 Datasheet
1Mb / 48P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. A
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com