Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD73322 Arkusz danych(PDF) 16 Page - Analog Devices

Numer części AD73322
Szczegółowy opis  Low Cost, Low Power CMOS General-Purpose Dual Analog Front
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD73322 Arkusz danych(HTML) 16 Page - Analog Devices

Back Button AD73322_17 Datasheet HTML 12Page - Analog Devices AD73322_17 Datasheet HTML 13Page - Analog Devices AD73322_17 Datasheet HTML 14Page - Analog Devices AD73322_17 Datasheet HTML 15Page - Analog Devices AD73322_17 Datasheet HTML 16Page - Analog Devices AD73322_17 Datasheet HTML 17Page - Analog Devices AD73322_17 Datasheet HTML 18Page - Analog Devices AD73322_17 Datasheet HTML 19Page - Analog Devices AD73322_17 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
AD73322
–15–
REV. B
ADC
Both ADCs consist of an analog sigma-delta modulator and a
digital antialiasing decimation filter. The sigma-delta modu-
lator noise-shapes the signal and produces 1-bit samples at a
DMCLK/8 rate. This bitstream, representing the analog input
signal, is input to the antialiasing decimation filter. The decimation
filter reduces the sample rate and increases the resolution.
Analog Sigma-Delta Modulator
The AD73322’s input channels employ a sigma-delta conver-
sion technique, which provides a high resolution 16-bit output
with system filtering being implemented on-chip.
Sigma-delta converters employ a technique known as over-
sampling, where the sampling rate is many times the highest
frequency of interest. In the case of the AD73322, the initial
sampling rate of the sigma-delta modulator is DMCLK/8. The
main effect of oversampling is that the quantization noise is
spread over a very wide bandwidth, up to FS/2 = DMCLK/16
(Figure 10a). This means that the noise in the band of interest is
much reduced. Another complementary feature of sigma-delta
converters is the use of a technique called noise-shaping. This
technique has the effect of pushing the noise from the band of
interest to an out-of-band position (Figure 10b). The combi-
nation of these techniques, followed by the application of a
digital filter, sufficiently reduces the noise in band to ensure
good dynamic performance from the part (Figure 10c).
BAND
OF
INTEREST
FS/2
DMCLK/16
FS/2
DMCLK/16
FS/2
DMCLK/16
DIGITAL FILTER
NOISE SHAPING
BAND
OF
INTEREST
BAND
OF
INTEREST
a.
b.
c.
Figure 10. Sigma-Delta Noise Reduction
Figure 11 shows the various stages of filtering that are employed
in a typical AD73322 application. In Figure 11a we see the
transfer function of the external analog antialias filter. Even
though it is a single RC pole, its cutoff frequency is sufficiently
far away from the initial sampling frequency (DMCLK/8) that it
takes care of any signals that could be aliased by the sampling
frequency. This also shows the major difference between the
initial oversampling rate and the bandwidth of interest. In Fig-
ure 11b, the signal and noise-shaping responses of the sigma-
delta modulator are shown. The signal response provides further
rejection of any high frequency signals while the noise-shaping
will push the inherent quantization noise to an out-of-band
position. The detail of Figure 11c shows the response of the
digital decimation filter (Sinc-cubed response) with nulls every
multiple of DMCLK/256, which corresponds to the decimation
filter update rate for a 64 kHz sampling. The nulls of the Sinc3
response correspond with multiples of the chosen sampling
frequency. The final detail in Figure 11d shows the application
of a final antialias filter in the DSP engine. This has the advan-
tage of being implemented according to the user’s requirements
and available MIPS. The filtering in Figures 11a through 11c is
implemented in the AD73322.
FB = 4kHz
FSINIT = DMCLK/8
a. Analog Antialias Filter Transfer Function
FB = 4kHz
FSINIT = DMCLK/8
NOISE TRANSFER FUNCTION
SIGNAL TRANSFER FUNCTION
b. Analog Sigma-Delta Modulator Transfer Function
FB = 4kHz
FSINTER = DMCLK/256
c. Digital Decimator Transfer Function
FB = 4kHz
FSINTER = DMCLK/256
FSFINAL = 8kHz
d. Final Filter LPF (HPF) Transfer Function
Figure 11. ADC Frequency Responses


Podobny numer części - AD73322_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
More results

Podobny opis - AD73322_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD73322L AD-AD73322L_17 Datasheet
767Kb / 49P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322L AD-AD73322L Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322L AD-AD73322L_15 Datasheet
1Mb / 48P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. A
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com