Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7877WACPZ-REEL7 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD7877WACPZ-REEL7
Szczegółowy opis  Touch Screen Controller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7877WACPZ-REEL7 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD7877WACPZ-REEL7 Datasheet HTML 2Page - Analog Devices AD7877WACPZ-REEL7 Datasheet HTML 3Page - Analog Devices AD7877WACPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD7877WACPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD7877WACPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7877WACPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7877WACPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7877WACPZ-REEL7 Datasheet HTML 9Page - Analog Devices AD7877WACPZ-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
Data Sheet
AD7877
TIMING SPECIFICATIONS
TA = TMIN to TMAX, unless otherwise noted, VCC = 2.7 V to 5.25 V, VREF = 2.5 V. Sample tested at 25°C to ensure compliance. All input
signals are specified with tR = tF = 5 ns (10% to 90% of VCC) and timed from a voltage level of 1.6 V.
Table 2.
Parameter
Limit at TMIN, TMAX
Unit
Description
fDCLK1
10
kHz min
20
MHz max
t1
16
ns min
CS falling edge to first DCLK rising edge
t2
20
ns min
DCLK high pulse width
t3
20
ns min
DCLK low pulse width
t4
12
ns min
DIN setup time
t5
12
ns min
DIN hold time
t62
16
ns max
CS falling edge to DOUT, three-state disabled
t72
16
ns max
DCLK falling edge to DOUT valid
t83
16
ns max
CS rising edge to DOUT high impedance
t9
0
ns min
CS rising edge to DCLK ignored
1
Mark/space ratio for the DCLK input is 40/60 to 60/40.
2
Measured with the load circuit of Figure 3 and defined as the time required for the output to cross 0.4 V or 2.0 V.
3
t8 is derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit shown in Figure 3. The measured number is then
extrapolated back to remove the effects of charging or discharging the 50 pF capacitor. This means that the time, t8, quoted in the timing characteristics is the true bus
relinquish time of the part and is independent of the bus loading.
TIMING DIAGRAMS
DCLK
t1
t2
t3
t5
t4
t6
t7
t9
t8
DIN
MSB
LSB
MSB
LSB
DOUT
1
2
3
15
16
CS
Figure 2. Detailed Timing Diagram
200
µA
IOL
200
µA
IOH
1.6V
TO OUTPUT
PIN
CL
50pF
Figure 3. Load Circuit for Digital Output Timing Specifications
Rev. E | Page 5 of 45


Podobny numer części - AD7877WACPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
AD7877 AD-AD7877 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD7877 AD-AD7877 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD7877ACP-500RL7 AD-AD7877ACP-500RL7 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
AD7877ACP-REEL AD-AD7877ACP-REEL Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
More results

Podobny opis - AD7877WACPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com