Zakładka z wyszukiwarką danych komponentów |
|
DM05-1011-25-S006 Arkusz danych(PDF) 2 Page - Willow Technologies Ltd |
|
DM05-1011-25-S006 Arkusz danych(HTML) 2 Page - Willow Technologies Ltd |
2 / 3 page Ordering codes Type Contact Material Contact arrangement Cover protection and mounting Coil code D M 0 5 - - 5 - Contact material see Tables 1, & 2 10 - AgCdO 30 - AgSnO 2 Contact arrangement 11 - SPDT (1C/O) (450mW Coil only) 21 - SPST-NO (1 N/O) Cover protection category 2 - in cover, IP40 3 - in cover, sealed - IP67 Connection mode 5 - for PCB Page 2 of 3 www.durakoolrelays.com Sales Department Tel: (888) 847-6552 DM05 miniature pcb power relay Coil Data (at 20°C) 450mW Coil (SPST-NO / SPDT) Table 1 Coil Voltage Code Nominal Voltage (VDC) Coil Resistance (Ω) ±10% Power Consumption (mW) Must Operate Voltage max. (VDC) Must Release Voltage min. (VDC) Max. Allowable Voltage (VDC) 10031 3 20 450 2.25 0.15 3.3 1005 5 56 450 3.75 0.25 5.5 1006 6 80 450 4.50 0.30 6.6 1009 9 180 450 6.75 0.45 9.9 1012 12 320 450 9.00 0.60 13.2 1024 24 1280 450 18.00 1.20 26.4 Ref: DM05 090314JHM Coil Data (at 20°C) 200mW Coil (SPST-NO only) Table 2 Coil Voltage Code Nominal Voltage (VDC) Coil Resistance (Ω) ±10% Power Consumption (mW) Must Operate Voltage max. (VDC) Must Release Voltage min. (VDC) Max. Allowable Voltage (VDC) S0031 3 45 200 2.25 0.15 3.3 S005 5 125 200 4.00 0.25 5.5 S006 6 180 200 4.80 0.30 6.6 S009 9 405 200 7.20 0.45 9.9 S012 12 720 200 9.60 0.60 13.2 S024 24 2880 200 19.2 1.20 26.4 1 3VDC coils not UL approved. Specifications are subject to change without notice. E&OE. |
Podobny numer części - DM05-1011-25-S006 |
|
Podobny opis - DM05-1011-25-S006 |