Zakładka z wyszukiwarką danych komponentów |
|
DM87L-2021-35-S012 Arkusz danych(PDF) 1 Page - Willow Technologies Ltd |
|
DM87L-2021-35-S012 Arkusz danych(HTML) 1 Page - Willow Technologies Ltd |
1 / 5 page DM87 industrial relays www.aecsensors.com Sales Department Tel: (888) 847-6552 Page 1 of 5 1C/O, 1NO AgNi, AgNi/Au 5 um, AgSnO2 400 V / 300 V 5 V AgNi, 5 V AgNi/Au 5 um, 10 V AgSnO2 12 A / 250 V AC standard version 10 A / 250 V AC sensitive version 12 A / 24 V DC standard version 10 A / 24 V DC sensitive version 5 mA AgNi, 2 mA AgNi/Au 5 um, 10 mA AgSnO2 25 A AgSnO2 standard version 20 A AgSnO2 sensitive version 12 A standard version 10 A sensitive version 3 000 VA standard version 2 500 VA sensitive version 0.3 W AgNi, 0.05 W AgNi/Au 5 um, 1 W AgSnO2 ≤ 100 mΩ 600 cycles/hour 72 000 cycles/hour 12...240 V standard version 3...110 V standard version 5...48 V sensitive version AC: ≥ 0.15 Un DC: ≥ 0.1 Un see Tables 1, 3 and Fig. 5, 7 standard version see Table 2 and Fig. 6 sensitive version 0,75 VA standard version 0.4...0.48 W standard version 0.25 W sensitive version C250 / B400 400 V AC 4 000 V AC III IEC 61810-5 (PN-IEC 664-1) 3 5 000 V AC 1 000 V AC ≥ 10 mm ≥ 10 mm 7 ms 3 ms > 105 12 A, 250 V AC standard version > 1,7 x 105 10 A, 250 V AC sensitive version see Fig. 2 > 105 0,15 A, 220 V DC > 3 x 107 29 x 12.7 x 15.7 mm 14 g -40...+85 oC AC: -40...+70 oC DC: -40...+85 oC IP 40 or IP 67 RTII IEC 61810-7 30 g 10 g 10...150 Hz max. 270 oC max. 5 s Contacts Contact number & arrangement Contact material Max. switching voltage AC/DC Min. switching voltage Rated load AC1 DC1 Min. switching current Max. inrush current Rated current Max. breaking capacity AC1 Min. breaking capacity Resistance Max. operating frequency • at rated load AC1 • no load Coil Rated voltage 50/60 Hz AC DC Must release voltage Operating range of supply voltage Rated power consumption AC DC Insulation Insulation category Insulation rated voltage Rated surge voltage Overvoltage category Insulation pollution degree Dielectric strength • coil - contact • contact - contact Contact - coil distance • clearance • creepage General data Operating time (typical value) Release time (typical value) Electrical life • resistive AC1 • cos φ • L/R=40 ms Mechanical life (cycles) Dimensions (L x W x H) Weight Ambient temperature • storage • operating Cover protection category Environmental protection Shock resistance Vibration resistance Solder bath temperature Soldering time • Cadmium - free contacts • Height 15,7 mm • 5000 V / 10 mm reinforced insulation • For PCB and plug-in sockets • Accessories: sockets and modules • AC and DC coils - standard (DM87N, DM87L, DM87P), DC coils - sensitive (DM87N sensitive) • Recyclable packing • Recognitions, certificates, directives: RoHS, DM87N sensitive Standard contact materials are marked with bold type. R VDE |
Podobny numer części - DM87L-2021-35-S012 |
|
Podobny opis - DM87L-2021-35-S012 |