Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AMEQR50N-50100Z Arkusz danych(PDF) 1 Page - AIMTEC

Numer części AMEQR50N-50100Z
Szczegółowy opis  up to 1000mA | AC-DC LED driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AIMTEC [AIMTEC]
Strona internetowa  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEQR50N-50100Z Arkusz danych(HTML) 1 Page - AIMTEC

  AMEQR50N-50100Z Datasheet HTML 1Page - AIMTEC AMEQR50N-50100Z Datasheet HTML 2Page - AIMTEC AMEQR50N-50100Z Datasheet HTML 3Page - AIMTEC AMEQR50N-50100Z Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AMEQR50N-Z
up to 1000mA | AC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 052.1e R3
1 of 4
North America only
Picture Coming Soon
FEATURES:
Models
Single output
Model
Max Output
Power (W)
Output Voltage
Range (V)
Output Current
(mA)
Input Voltage
(VAC/Hz)
Efficiency
(%)
AMEQR50N-50100Z
50
36-50
1000
90-305/47-63
88.0
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity <75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Input Current
90 VAC, full load
0.80
Arms
Inrush current <2ms
115 VAC, cold start
40
A
230 VAC, cold start
60
Leakage current
0.75
mA
Input dissipation
No Load
1.5
W
Output Short
4.5
W
Power Factor
115 VAC, full load
0.98
230 VAC, full load
0.95
Input Fuse
2.0A / 300V
Start-up Time
115 VAC, full load
1.5
Sec.
230 VAC, full load
1.0
Sec.
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy
±5
%
Line regulation
LL to HL
±3
%
Load regulation
Full Output Voltage Range
±5
%
Ripple & Noise
200
mV p-p
Output Current Ripple
Full load
50
mA
Current Overshoot
LL to HL, full load at cold start,
% of rated output current
15
%
Hold-up time (min)
0.5
ms
Current adjustment range
NA
NA
%
Minimum Load Voltage
See Models Table Above
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
I/P
– O/P
3750
VAC
I/P
– FG
2000
VAC
O/P
– FG
500
VAC
Isolation Resistance
500Vdc
>100
Isolation Capacitance
3000
pF
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
150
KHz
Over voltage protection
63
V
• Universal Input: 90~305 VAC
• IP65/67 Design for outdoor application
• High Efficiency: Up to 88%
• Long Life, High reliability
• Active Power Factor Correction
• Ultra-low ripple without flickering
• Short Circuit / Open Circuit Protection
• 5-year limited warranty


Podobny numer części - AMEQR50N-50100Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AMEQR50N-50100Z AIMTEC-AMEQR50N-50100Z Datasheet
418Kb / 4P
   up to 1000mA | AC-DC LED driver
More results

Podobny opis - AMEQR50N-50100Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AMEPR40N-Z AIMTEC-AMEPR40N-Z Datasheet
603Kb / 7P
   up to 1000mA | AC-DC LED driver
AMEPR40-Z AIMTEC-AMEPR40-Z Datasheet
553Kb / 5P
   up to 1000mA | AC-DC LED driver
AMEPR40N-4280Z AIMTEC-AMEPR40N-4280Z Datasheet
603Kb / 7P
   up to 1000mA | AC-DC LED driver
AMEQR50N-Z AIMTEC-AMEQR50N-Z Datasheet
418Kb / 4P
   up to 1000mA | AC-DC LED driver
AMLDLW-Z AIMTEC-AMLDLW-Z_13 Datasheet
386Kb / 12P
   Up to 1000mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z Datasheet
434Kb / 13P
   Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_1 Datasheet
353Kb / 14P
   Up to 1000mA | LED Driver
AMER48-KZ-C1 AIMTEC-AMER48-KZ-C1 Datasheet
249Kb / 2P
   1000mA | AC-DC LED driver
AMLDP-Z AIMTEC-AMLDP-Z_13 Datasheet
1Mb / 18P
   Up to 1000mA | LED Driver
AMLD-RZ AIMTEC-AMLD-RZ_16 Datasheet
285Kb / 3P
   Up to 1000mA | LED Driver
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com