Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5252BRU50 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD5252BRU50
Szczegółowy opis  Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5252BRU50 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD5252BRU50 Datasheet HTML 7Page - Analog Devices AD5252BRU50 Datasheet HTML 8Page - Analog Devices AD5252BRU50 Datasheet HTML 9Page - Analog Devices AD5252BRU50 Datasheet HTML 10Page - Analog Devices AD5252BRU50 Datasheet HTML 11Page - Analog Devices AD5252BRU50 Datasheet HTML 12Page - Analog Devices AD5252BRU50 Datasheet HTML 13Page - Analog Devices AD5252BRU50 Datasheet HTML 14Page - Analog Devices AD5252BRU50 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD5251/AD5252
Rev. 0 | Page 11 of 28
I2C INTERFACE DETAIL DESCRIPTION
0 WRITE
S
0
1
0
1
1
A
D
1
A
D
0
0
A
A
4
A
3
A
2
A
1
A
0
A
P
DATA
0
(1 BYTE +
ACKNOWLEDGE)
SLAVE ADDRESS
INSTRUCTIONS
AND ADDRESS
CMD/
REG
EE/
RDAC
0 REG
A/
A
FROM MASTER TO SLAVE
FROM SLAVE TO MASTER
S = START CONDITION
P = STOP CONDITION
A = ACKNOWLEDGE (SDA LOW)
A = NOT ACKNOWLEDGE (SDA HIGH)
R/W = READ ENABLE AT HIGH AND WRITE ENABLE AT LOW
CMD/REG = COMMAND ENABLE BIT, LOGIC HIGH/REGISTER ACCESS BIT, LOGIC LOW
EE/RDAC = EEMEM REGISTER, LOGIC HIGH/RDAC REGISTER, LOGIC LOW
A4, A3, A2, A1, A0 = RDAC/EEMEM REGISTER ADDRESSES
Figure 7. Single Write Mode
0 WRITE
S
0
1
0
1
1
A
D
1
A
D
0
0
A
A
4
A
3
A
2
A
1
A
0
P
A
A
RDAC1
DATA
RDAC3
DATA
0
(N BYTES +
ACKNOWLEDGE)
RDAC SLAVE ADDRESS
RDAC INSTRUCTIONS
AND ADDRESS
CMD/
REG
EE/
RDAC
0 REG
A/
A
Figure 8. Consecutive Write Mode
Table 6. Addresses for Writing Data Byte Contents to RDAC Registers (R/W = 0, CMD/REG = 0, EE/RDAC = 0)
A4
A3
A2
A1
A0
RDAC
Data Byte Description
0
0
0
0
0
Reserved
0
0
0
0
1
RDAC1
6- or 8 bit wiper setting (2 MSBs of AD5251 are X)
0
0
0
1
0
Reserved
0
0
0
1
1
RDAC3
6- or 8 bit wiper setting (2 MSBs of AD5251 are X)
0
0
1
0
0
Reserved
:
:
:
:
:
0
1
1
1
1
Reserved
RDAC/EEMEM WRITE
Setting the wiper position requires an RDAC write operation.
The single write operation is shown in Figure 7, and the
consecutive write operation is shown in Figure 8. In the
consecutive write operation, if the RDAC is selected and the
address starts at 00001, the first data byte goes to RDAC1 and
the second data byte goes to RDAC3. The RDAC address is
shown in Table 6.
While the RDAC wiper setting is controlled by a specific RDAC
register, each RDAC register corresponds to a specific EEMEM
location, which provides nonvolatile wiper storage functionality.
The addresses are shown in Table 7. The single and consecutive
write operations apply also to EEMEM write operations.
There are 12 nonvolatile memory locations: EEMEM4 to
EEMEM15. Users can store a total of 12 bytes of information,
such as memory data for other components, look-up tables, or
system identification information.
In a write operation to the EEMEM registers, the device disables
the I2C interface during the internal write cycle. Acknowledge
polling is required to determine the completion of the write
cycle. See EEMEM Write-Acknowledge Polling.


Podobny numer części - AD5252BRU50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5252BRU50 AD-AD5252BRU50 Datasheet
575Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5252BRU50-RL7 AD-AD5252BRU50-RL7 Datasheet
575Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
More results

Podobny opis - AD5252BRU50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5251 AD-AD5251_12 Datasheet
575Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5253 AD-AD5253_12 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5254BRUZ50 AD-AD5254BRUZ50 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5251 AD-AD5251_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5252 AD-AD5252_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5254 AD-AD5254_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com