Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADAV803 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADAV803
Szczegółowy opis  Audio Codec for Recordable DVD
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADAV803 Arkusz danych(HTML) 4 Page - Analog Devices

  ADAV803_17 Datasheet HTML 1Page - Analog Devices ADAV803_17 Datasheet HTML 2Page - Analog Devices ADAV803_17 Datasheet HTML 3Page - Analog Devices ADAV803_17 Datasheet HTML 4Page - Analog Devices ADAV803_17 Datasheet HTML 5Page - Analog Devices ADAV803_17 Datasheet HTML 6Page - Analog Devices ADAV803_17 Datasheet HTML 7Page - Analog Devices ADAV803_17 Datasheet HTML 8Page - Analog Devices ADAV803_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
ADAV803
Rev. A | Page 3 of 60
SPECIFICATIONS
TEST CONDITIONS
Test conditions, unless otherwise noted.
Table 1.
Test Parameter
Condition
Supply Voltage
Analog
3.3 V
Digital
3.3 V
Ambient Temperature
25°C
Master Clock (MCLKI)
12.288 MHz
Measurement Bandwidth
20 Hz to 20 kHz
Word Width (All Converters)
24 bits
Load Capacitance on Digital Outputs
100 pF
ADC Input Frequency
1007.8125 Hz at −1 dBFS
DAC Output Frequency
960.9673 Hz at 0 dBFS
Digital Input
Slave Mode, I2S Justified Format
Digital Output
Slave Mode, I2S Justified Format
ADAV803 SPECIFICATIONS
Table 2.
Parameter
Min
Typ
Max
Unit
Comments
PGA SECTION
Input Impedance
4
Minimum Gain
0
dB
Maximum Gain
24
dB
Gain Step
0.5
dB
REFERENCE SECTION
Absolute Voltage, VREF
1.5
V
VREF Temperature Coefficient
80
ppm/°C
ADC SECTION
Number of Channels
2
Resolution
24
Bits
Dynamic Range
−60 dB input
Unweighted
99
dB
fS = 48 kHz
98
dB
fS = 96 kHz
A-Weighted
98
102
dB
fS = 48 kHz
101
dB
fS = 96 kHz
Total Harmonic Distortion + Noise
Input = −1.0 dBFS
−88
dB
fS = 48 kHz
−87
dB
fS = 96 kHz
Analog Input
Input Range (± Full Scale)
1.0
V rms
DC Accuracy
Gain Error
−1.5
−0.8
dB
Interchannel Gain Mismatch
0.05
dB
Gain Drift
1
mdB/°C
Offset
−10
mV


Podobny numer części - ADAV803_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADAV803 AD-ADAV803_15 Datasheet
1Mb / 60P
   Audio Codec for Recordable DVD
REV. A
More results

Podobny opis - ADAV803_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADAV801 AD-ADAV801_17 Datasheet
853Kb / 61P
   Audio Codec for Recordable DVD
ADAV802 AD-ADAV802_15 Datasheet
532Kb / 53P
   Audio Codec For Recordable DVD
Rev. Pr G
ADAV803 AD-ADAV803 Datasheet
906Kb / 56P
   Audio Codec for Recordable DVD
REV. 0
ADAV801 AD-ADAV801 Datasheet
1Mb / 56P
   Audio Codec for Recordable DVD
REV. 0
ADAV801 AD-ADAV801_15 Datasheet
1Mb / 60P
   Audio Codec for Recordable DVD
REV. A
ADAV803 AD-ADAV803_15 Datasheet
1Mb / 60P
   Audio Codec for Recordable DVD
REV. A
logo
Opnext. Inc.
HL6545MG OPNEXT-HL6545MG Datasheet
95Kb / 4P
   Visible High Power Laser Diode for Recordable-DVD
logo
STMicroelectronics
STE5588 STMICROELECTRONICS-STE5588 Datasheet
197Kb / 3P
   DVD and DVB decoder for video and audio with DVD audio support
logo
Rohm
BD3825FS ROHM-BD3825FS Datasheet
200Kb / 6P
   Audio Switch IC for DVD Recorder
logo
STMicroelectronics
STD8010 STMICROELECTRONICS-STD8010 Datasheet
108Kb / 3P
   Flexible MPEG audio/video codec with DVD and DVB receiver capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com