Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADT7410 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADT7410
Szczegółowy opis  16-Bit Digital I2C Temperature Sensor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADT7410 Arkusz danych(HTML) 1 Page - Analog Devices

  ADT7410_17 Datasheet HTML 1Page - Analog Devices ADT7410_17 Datasheet HTML 2Page - Analog Devices ADT7410_17 Datasheet HTML 3Page - Analog Devices ADT7410_17 Datasheet HTML 4Page - Analog Devices ADT7410_17 Datasheet HTML 5Page - Analog Devices ADT7410_17 Datasheet HTML 6Page - Analog Devices ADT7410_17 Datasheet HTML 7Page - Analog Devices ADT7410_17 Datasheet HTML 8Page - Analog Devices ADT7410_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
±0.5°C Accurate, 16-Bit Digital
I2C Temperature Sensor
Data Sheet
ADT7410
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2009–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High performance
Temperature accuracy
±0.5°C from −40°C to +105°C (2.7 V to 3.6 V)
±0.4°C from −40°C to +105°C (3.0 V)
16-bit temperature resolution: 0.0078°C
Fast first temperature conversion on power-up of 6 ms
Easy implementation
No temperature calibration/correction required by user
No linearity correction required
Low power
Power saving 1 sample per second (SPS) mode
700 µW typical at 3.3 V in normal mode
7 µW typical at 3.3 V in shutdown mode
Wide operating ranges
Temperature range: −55°C to +150°C
Voltage range: 2.7 V to 5.5 V
Programmable interrupts
Critical overtemperature interrupt
Overtemperature/undertemperature interrupt
I2C-compatible interface
8-lead narrow SOIC RoHS-compliant package
APPLICATIONS
Medical equipment
Environmental control systems
Computer thermal monitoring
Thermal protection
Industrial process control
Power system monitors
Hand-held applications
GENERAL DESCRIPTION
The ADT7410 is a high accuracy digital temperature sensor in a
narrow SOIC package. It contains a band gap temperature reference
and a 13-bit ADC to monitor and digitize the temperature to a
0.0625°C resolution. The ADC resolution, by default, is set to
13 bits (0.0625°C). This can be changed to 16 bits (0.0078°C) by
setting Bit 7 in the configuration register (Register Address 0x03).
The ADT7410 is guaranteed to operate over supply voltages from
2.7 V to 5.5 V. Operating at 3.3 V, the average supply current is typi-
cally 210 μA. The ADT7410 has a shutdown mode that powers
down the device and offers a shutdown current of typically 2 μA.
The ADT7410 is rated for operation over the −55°C to +150°C
temperature range.
Pin A0 and Pin A1 are available for address selection, giving the
ADT7410 four possible I2C addresses. The CT pin is an open-
drain output that becomes active when the temperature exceeds
a programmable critical temperature limit. The default critical
temperature limit is 147°C. The INT pin is also an open-drain
output that becomes active when the temperature exceeds a
programmable limit. The INT and CT pins can operate in either
comparator or interrupt mode.
FUNCTIONAL BLOCK DIAGRAM
TEMPERATURE
VALUE
REGISTER
CONFIGURATION
REGISTER
THYST
REGISTER
TLOW
REGISTER
THIGH
REGISTER
TCRIT
REGISTER
POINTER
REGISTER
INTERNAL
REFERENCE
8
7
TEMPERATURE
SENSOR
THIGH
TCRIT
TLOW
INTERNAL
OSCILLATOR
FILTER
LOGIC
Σ-Δ
MODULATOR
VDD
GND
6
5
CT
INT
3
4
A0
A1
1
2
SCL
SDA
I2C INTERFACE
ADT7410
Figure 1.


Podobny numer części - ADT7410_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADT7410TRZ AD-ADT7410TRZ Datasheet
452Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
ADT7410TRZ-REEL AD-ADT7410TRZ-REEL Datasheet
452Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
ADT7410TRZ-REEL7 AD-ADT7410TRZ-REEL7 Datasheet
452Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
More results

Podobny opis - ADT7410_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADT7420 AD-ADT7420_12 Datasheet
419Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
ADT7410 AD-ADT7410 Datasheet
452Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
ADT7420 AD-ADT7420 Datasheet
384Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
Rev. PrA
logo
Silicon Laboratories
SI7057-A10 SILABS-SI7057-A10 Datasheet
1Mb / 23P
   DIGITAL I2C TEMPERATURE SENSOR
Rev. 1.1 4/17
logo
Analog Devices
ADT7422 AD-ADT7422 Datasheet
419Kb / 23P
   짹0.1째C Accuracy, 16-Bit, Digital I2C Temperature Sensor for VSM Applications
ADT7310 AD-ADT7310_17 Datasheet
442Kb / 25P
   16-Bit Digital SPI Temperature Sensor
ADT7311 AD-ADT7311 Datasheet
425Kb / 25P
   16-Bit Digital SPI Temperature Sensor
ADT7320 AD-ADT7320_17 Datasheet
485Kb / 25P
   16-Bit Digital SPI Temperature Sensor
logo
Silicon Laboratories
SI7005 SILABS-SI7005 Datasheet
340Kb / 41P
   DIGITAL I2C HUMIDITY AND TEMPERATURE SENSOR
logo
Maxim Integrated Produc...
MAX30208 MAXIM-MAX30208 Datasheet
739Kb / 29P
   -0.1C Accurate, I2C Digital Temperature Sensor
Rev 1; 5/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com