Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS10U45 Arkusz danych(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Numer części SS10U45
Szczegółowy opis  Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YANGJIE [Yangzhou yangjie electronic co., ltd]
Strona internetowa  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SS10U45 Arkusz danych(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  SS10U45 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SS10U45 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SS10U45 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SS10U45 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SS10U45 
 
2 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S688
Rev. 2.0,27-Feb-16
www.21yangjie.com
■Thermal Characteristics (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
SS10U45
Thermal Resistance Junction to Case
RθJ-C
/W
8
■Ordering Information (Example)
PREFERED P/N
PACKAGE
CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
SS10U45
F1
Approximate 0.0821
5000
10000
80000
13” reel
■ Characteristics(Typical)
0.4
0.6
0.8
1.0
0.1
10
1.0
Ta=25℃
100
00.2
Instantaneous Forward Voltage (V)
FIG.3: Forward Voltage
0
20
40
60
80
100
0.01
0.1
1.0
10
100
Tj=100℃
Tj=25℃
FIG.4: Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)
0
0
50
100
150
2.0
4.0
6.0
8.0
10.0
Case Temperature (℃)
FIG.1: Io-Tc Curve
1
0
2
10
20
100
40
80
120
8.3ms Single Half Since-Wave
JEDEC Method
Number of Cycles
FIG.2: Forward Surge Current Capability
160
200
240


Podobny numer części - SS10U45

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shanghai Leiditech Elec...
SS10U45 LEIDITECH-SS10U45 Datasheet
417Kb / 2P
   Schottky Rectifier
logo
First Silicon Co., Ltd
SS10U45 FS-SS10U45 Datasheet
170Kb / 2P
   Schottky Rectifier
logo
Shanghai Leiditech Elec...
SS10U45 LEIDITECH-SS10U45 Datasheet
735Kb / 3P
   Schottky rectifier
logo
Leshan Radio Company
SS10U45 LRC-SS10U45_15 Datasheet
278Kb / 9P
   Schottky Barrier Rectifiers
More results

Podobny opis - SS10U45

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com