Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISLT1002 Arkusz danych(PDF) 9 Page - ISOCOM COMPONENTS

Numer części ISLT1002
Szczegółowy opis  Switching Mode Power Supply
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISOCOM [ISOCOM COMPONENTS]
Strona internetowa  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ISLT1002 Arkusz danych(HTML) 9 Page - ISOCOM COMPONENTS

Back Button ISLT1002 Datasheet HTML 3Page - ISOCOM COMPONENTS ISLT1002 Datasheet HTML 4Page - ISOCOM COMPONENTS ISLT1002 Datasheet HTML 5Page - ISOCOM COMPONENTS ISLT1002 Datasheet HTML 6Page - ISOCOM COMPONENTS ISLT1002 Datasheet HTML 7Page - ISOCOM COMPONENTS ISLT1002 Datasheet HTML 8Page - ISOCOM COMPONENTS ISLT1002 Datasheet HTML 9Page - ISOCOM COMPONENTS ISLT1002 Datasheet HTML 10Page - ISOCOM COMPONENTS ISLT1002 Datasheet HTML 11Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9 02/06/2014
DC93179
ISLT100X
ISOCOM
COMPONENTS
TAPE AND REEL PACKAGING
Direction of feed from reel
Dimension No.
Ao
Bo
Do
D1
E
F
Dimension
(mm)
3.9±0.1
10.75±0.10
1.5+0.1/-0
1.5±0.1
1.75±0.10
7.5±0.1
Dimension No.
Po
P1
P2
T
W
Ko
Dimension
(mm)
4.0±0.1
8.0±0.1
2.0±0.1
0.35±0.05
16.0
±0.3
2.25±0.10


Podobny numer części - ISLT1002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ISOCOM COMPONENTS
ISLT1102 ISOCOM-ISLT1102 Datasheet
453Kb / 4P
   ISLT1102 ( Long Creepage )
More results

Podobny opis - ISLT1002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ISOCOM COMPONENTS
IS1100 ISOCOM-IS1100 Datasheet
545Kb / 10P
   Switching Mode Power Supply
logo
KODENSHI_AUK CORP.
SF10A400HDS KODENSHI-SF10A400HDS Datasheet
344Kb / 4P
   Switching mode power supply
logo
Toshiba Semiconductor
U5FWK2C42 TOSHIBA-U5FWK2C42 Datasheet
184Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATION
20DL2C48A TOSHIBA-20DL2C48A_06 Datasheet
345Kb / 6P
   SWITCHING MODE POWER SUPPLY APPLICATION
20DL2CZ47A TOSHIBA-20DL2CZ47A_06 Datasheet
307Kb / 5P
   SWITCHING MODE POWER SUPPLY APPLICATION
30GWJ2C42C TOSHIBA-30GWJ2C42C_06 Datasheet
516Kb / 5P
   SWITCHING MODE POWER SUPPLY APPLICATON
CMH02 TOSHIBA-CMH02 Datasheet
185Kb / 5P
   Switching Mode Power Supply Applications
CMH05A TOSHIBA-CMH05A Datasheet
174Kb / 5P
   Switching Mode Power Supply Applications
CMH08A TOSHIBA-CMH08A Datasheet
186Kb / 5P
   Switching Mode Power Supply Applications
CMS02 TOSHIBA-CMS02 Datasheet
150Kb / 5P
   Switching Mode Power Supply Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com