Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM8S14A Arkusz danych(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Numer części SM8S14A
Szczegółowy opis  Surface Mount Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YANGJIE [Yangzhou yangjie electronic co., ltd]
Strona internetowa  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SM8S14A Arkusz danych(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  SM8S14A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SM8S14A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SM8S14A Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SM8S14A Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
www.21yangjie.com
S-S433
Rev. 1.0, 21-May-15
SM8S10 THRU SM8S43A
Surface Mount Transient Voltage Suppressors
■Features
■ Outline Dimensions and Mark
Surface mount package
Excellent clamping capability
Glass passivated junction
Fast response time: Less than 1 ns forUni-direction,
From 0 Volts to BV min
Plastic material has UL flammability classification 94V-O
RoHS compliant in lead-free versions
■Mechanical Characteristics
CASE:SOD-BLOCK Molded Plastic over glass passivated junction.
Polarity:.Heatsink is anode.
■Maximum Ratings And Characteristics@25°C Ambient Temperature(unless otherwise
noted)
Parameter
Symbol
Value
Units
Peak Pulse Power dissipation on 10/1000us Waveform (Note1,FIG.1)
PPPM
6600
W
Power Dissipation on Infinite Heatsink at Tc=25°C(FIG.2)
PD
8
W
Peak Forward Surge Current,8.3ms Single Half Sine-wave Superimposed on
Rated Load,(JEDEC Method) (Note2.3)
IFSM
700
Amps
Operating Junction Temperature Range
TJ
-55 to150
°C
Storage Temperature Range
TSTG
-55 to150
°C
Notes:
1.
Non-repetitive current pulse, per Fig.1and derated above TA=25°CperFig.2.
2.
Mounted on 5.0mm2(0.03mmthick)Copper Pads to each terminal.
3.
8.3ms single half sine-wave, or equivalent square wave, Duty cycle=4pluses per minute maximum.
■ElectricalSpecification@Tamb25°C
Type
Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min.@IT
Breakdown
Voltage
Max.@IT
Test
Current
Maximum
Clamping
Voltage@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(uni)
VRMW(V)
VBRMIN(V) VBRMAX(V)
IT(mA)
VC(V)
IPP(A)
IR(uA)
SM8S10
10
11.1
14.1
5.0
18.8
351
15.0
SM8S10A
10
11.1
12.8
5.0
17.0
388
15.0
SM8S11
11
12.2
15.4
5.0
20.1
328
10.0
SM8S11A
11
12.2
14.0
5.0
20.1
363
10.0
COMPLIANT
RoHS


Podobny numer części - SM8S14A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SM8S14A VISHAY-SM8S14A Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
logo
SUNMATE electronic Co.,...
SM8S14A SUNMATE-SM8S14A Datasheet
201Kb / 3P
   SURFACE MOUNT Automotive transient voltage suppressors
logo
Vishay Siliconix
SM8S14A VISHAY-SM8S14A Datasheet
110Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
01-Jan-2022
SM8S14A VISHAY-SM8S14A Datasheet
115Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
logo
SUNMATE electronic Co.,...
SM8S14A SUNMATE-SM8S14A Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
More results

Podobny opis - SM8S14A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com