Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCF40162B-40163B Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części HCF40162B-40163B
Szczegółowy opis  SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF40162B-40163B Arkusz danych(HTML) 2 Page - STMicroelectronics

  HCF40162B-40163B Datasheet HTML 1Page - STMicroelectronics HCF40162B-40163B Datasheet HTML 2Page - STMicroelectronics HCF40162B-40163B Datasheet HTML 3Page - STMicroelectronics HCF40162B-40163B Datasheet HTML 4Page - STMicroelectronics HCF40162B-40163B Datasheet HTML 5Page - STMicroelectronics HCF40162B-40163B Datasheet HTML 6Page - STMicroelectronics HCF40162B-40163B Datasheet HTML 7Page - STMicroelectronics HCF40162B-40163B Datasheet HTML 8Page - STMicroelectronics HCF40162B-40163B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Unit
VDD *
Supply Voltage: HCC Types
HCF Types
-0.5 to +20
-0.5 to +18
V
V
Vi
Input Voltage
-0.5 to VDD + 0.5
V
II
DC Input Current (any one input)
± 10
mA
Ptot
Total Power Dissipation (per package)
Dissipation per Output Transistor
for Top = Full Package Temperature Range
200
100
mW
mW
Top
Operating Temperature: HCC Types
HCF Types
-55 to +125
-40 to +85
oC
oC
Tstg
Storage Temperature
-65 to +150
oC
Stresses above those listed under ”Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress ratingonly and functional
operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for external periods may affect device reliability.
* All voltage values are referred to VSS pin voltage.
cascading counter for n-bit synchronour application
without additional gating. Instrumental in accom-
plishing this function are two count-enable input
and a carry output (COUT). Counting is enable
when both PE and TE inputs are high. The TE input
is fed forward to enable COUT. This enable output
produces a positive output pulse with a duration ap-
proximately equal to the positive portion of the Q1
output. This positive overflow carry pulse can be
used to enable successive cascaded stages. Logic
transitions at the PE or TE inputs may occur when
the clock is either high or low.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VDD
Supply Voltage: HCC Types
HCF Types
3to 18
3to 15
V
V
VI
Input Voltage
0 to VDD
V
Top
Operating Temperature: HCC Types
HCF Types
-55 to +125
-40 to +85
oC
oC
TRUTH TABLE
Clock
CLR
LOAD
PE
TE
Operation
1
0
X
X
Preset
11
0
X
NC
11
X
0
NC
1
1
1
1
Count
X
0
X
X
X
Reset (HCC/HCF40160B, HCC/HCF40161B)
0
X
X
X
Reset (HCC/HCF40162B, HCC/HCF40163B)
1
X
X
X
NC (HCC/HCF40162B, HCC/HCF40163B)
1 = HIGH LEVEL, 0 = LOW LEVEL, X = DON’T CARE, NC = NO CHANGE
HCC/HCF40160B-40161B-40162-40163
2/15


Podobny numer części - HCF40162B-40163B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
HCF40162B STMICROELECTRONICS-HCF40162B Datasheet
310Kb / 15P
   SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
HCF40162BC1 STMICROELECTRONICS-HCF40162BC1 Datasheet
310Kb / 15P
   SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
HCF40162BEY STMICROELECTRONICS-HCF40162BEY Datasheet
310Kb / 15P
   SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
HCF40162BF STMICROELECTRONICS-HCF40162BF Datasheet
310Kb / 15P
   SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
HCF40162BM1 STMICROELECTRONICS-HCF40162BM1 Datasheet
310Kb / 15P
   SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
More results

Podobny opis - HCF40162B-40163B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
HCC40160B STMICROELECTRONICS-HCC40160B Datasheet
310Kb / 15P
   SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
logo
Intersil Corporation
CD40160BMS INTERSIL-CD40160BMS Datasheet
156Kb / 13P
   CMOS Synchronous Programmable 4-Bit Counters
December 1992
logo
Texas Instruments
CD40160B TI1-CD40160B_15 Datasheet
958Kb / 17P
[Old version datasheet]   CMOS Synchronous Programmable 4-Bit Counters
CD40160B TI-CD40160B Datasheet
552Kb / 13P
[Old version datasheet]   CMOS Synchronous Programmable 4-Bit Counters
logo
National Semiconductor ...
9316 NSC-9316 Datasheet
164Kb / 10P
   Synchronous 4-Bit Counters
logo
Texas Instruments
SN54160 TI1-SN54160_12 Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
SN54160 TI-SN54160 Datasheet
756Kb / 23P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
logo
National Semiconductor ...
DM54161 NSC-DM54161 Datasheet
176Kb / 10P
   Synchronous 4-Bit Counters
logo
Texas Instruments
DM54161 TI1-DM54161_11 Datasheet
426Kb / 12P
[Old version datasheet]   Synchronous 4-Bit Counters
logo
Aeroflex Circuit Techno...
UT54ACS163 AEROFLEX-UT54ACS163 Datasheet
255Kb / 10P
   4-Bit Synchronous Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com