Zakładka z wyszukiwarką danych komponentów |
|
SMAJ110C Arkusz danych(PDF) 1 Page - Yangzhou yangjie electronic co., ltd |
|
SMAJ110C Arkusz danych(HTML) 1 Page - Yangzhou yangjie electronic co., ltd |
1 / 7 page SMAJ SERIES 1 / 7 Yangzhou Yangjie Electronic Technology Co., Ltd. S-S096 Rev. 2.0, 28-Apr-14 www.21yangjie.com Surface Mount Transient Voltage Suppressor Diodes Features ● Low profile package ● Ideal for automated placement ● Glass passivated chip junction ● High forward surge capability ● Available in uni-directional 400 W peak pulse power capability with a 10/1000 μs waveform ● Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C Typical Applications For use in high frequency rectification of power supplies, inverters, converters, and freewheeling diodes for consumer, and telecommunication. Mechanical Data ● Package: DO-214AC (SMA) Molding compound meets UL 94 V-0 flammability rating, RoHS-compliant, halogen-free ● Terminals: Tin plated leads, solderable per J-STD-002 and JESD22-B102 ● Polarity: Cathode line denotes the cathode end ■Maximum Ratings (Ta=25℃ Unless otherwise specified) PARAMETER SYMBOL UNIT Max Peak power dissipation, with a 10/1000us waveform (1) (2) (Fig.1) PPPM W 400 Peak pulse current, with a 10/1000us waveform (1) IPPM A See Next Table Power dissipation, on infinite heat sink at TL=75℃ PD W 1.0 Peak forward surge current, 8.3 ms single half sine-wave unidirectional only (2) IFSM A 40 Operating junction and storage temperature range TJ,TSTG ℃ -55 to +150 ■Electrical Characteristics(Ta=25℃ Unless otherwise specified) PARAMETER SYMBOL UNIT VALUE Maximum instantaneous forward voltage @ at 25A for unidirectional only (3) VF V 3.5/5.0 Maximum instantaneous forward voltage @ at 1A for unidirectional only VF V 1.5 ■Thermal Characteristics (Ta=25℃ Unless otherwise specified) PARAMETER SYMBOL UNIT Conditions VALUE Thermal resistance(Typical) RθJL ℃ /W junction to lead 30 RθJA ℃ /W junction to ambient, LLead = 10 mm 120 |
Podobny numer części - SMAJ110C |
|
Podobny opis - SMAJ110C |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |