Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LD-488-60MG Arkusz danych(PDF) 1 Page - Roithner LaserTechnik GmbH

Numer części LD-488-60MG
Szczegółowy opis  Cyan Laser Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROITHNER [Roithner LaserTechnik GmbH]
Strona internetowa  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LD-488-60MG Arkusz danych(HTML) 1 Page - Roithner LaserTechnik GmbH

  LD-488-60MG Datasheet HTML 1Page - Roithner LaserTechnik GmbH LD-488-60MG Datasheet HTML 2Page - Roithner LaserTechnik GmbH LD-488-60MG Datasheet HTML 3Page - Roithner LaserTechnik GmbH LD-488-60MG Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.roithner-laser.com
1
LD-488-60MG
• Cyan Laser Diode
• 488 nm, 60 mW
• Singlemode
• TO56 package, Flat Window
• Zener Diode
Maximum Rating (T
CASE = 25°C)
Parameter
Symbol
Values
Unit
Min.
Max.
Operating Current
IF
150
mA
Operating Temperature
TCASE
- 40
+ 60
°C
Storage Temperature
TSTG
- 40
+ 85
°C
Reverse Current
IR
20
mA
Soldering Temperature (max. 3s)
TSOL
+ 260
°C
Junction Temperature
TJ
+ 150
°C
Electro-Optical Characteristics (T
CASE = 25°C, PO = 60mW)
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Peak Wavelength
λP
486
488
490
nm
Spectral Width (FWHM)
∆λ
2
nm
Operating Voltage
VF
6.0
7.5
V
Threshold Current
Ith
25
40
mA
Operating Current
IF
85
100
mA
Modulation Frequency
f
100
MHz
Polarization
PGR
100:1
Beam Divergence
(FWHM)
parallel
ӨII
4
6
8
deg.
perpendicular
Ө┴
16
23
26
deg.
Thermal Resistance (junction to case)
Rth
34
K/W
Monitor Current
IM
40
µA
Description
LD-488-60MG is a direct emitting, GaN based, 488nm cyan laser diode in 5.6 mm TO-Can with integrated photodiode and
Zener diode. It offers single transverse mode emission and >100 Mhz modulation bandwidth. It is an efficient radiation source
for many applications like laser projection, holography, metrology, biomedical application…
rev.1.0 08.08.17


Podobny numer części - LD-488-60MG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Roithner LaserTechnik G...
LD-405-200 ROITHNER-LD-405-200 Datasheet
809Kb / 4P
   Peak Wavelength: 405nm Optical Ouput Power: 200mW Multi Transverse Mode Package:5.6 mm, without Photodiode
logo
Axiomtek Co., Ltd.
LD-420 AXIOMTEK-LD-420 Datasheet
126Kb / 1P
   42 Industrial Open Frame LCD Monitor
logo
Roithner LaserTechnik G...
LD-445-1000MG ROITHNER-LD-445-1000MG Datasheet
372Kb / 3P
   Multi Transverse Mode Peak Wavelength: 445 nm Optical Ouput Power: 1W Package:5.6 mm, dismounted
LD-450-100SG ROITHNER-LD-450-100SG Datasheet
731Kb / 3P
   Royal Blue Laser Diode 450 nm, 100mW sihgle Transverse Mode Structure: GaN
LD-450-1400MG ROITHNER-LD-450-1400MG Datasheet
814Kb / 4P
   blue laser diode
More results

Podobny opis - LD-488-60MG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OSRAM GmbH
PLT5488 OSRAM-PLT5488 Datasheet
370Kb / 9P
   Blue-Cyan Laser Diode in TO56 Package
logo
Seoul Semiconductor
LC532Z SEOUL-LC532Z Datasheet
344Kb / 10P
   CYAN LAMP LED
logo
Lite-On Technology Corp...
LOPL-E011C LITEON-LOPL-E011C Datasheet
188Kb / 12P
   1W Cyan Power LED
logo
NICHIA CORPORATION
NDVA416T NICHIA-NDVA416T Datasheet
185Kb / 3P
   Laser Diode
NUB206E NICHIA-NUB206E_16 Datasheet
212Kb / 2P
   Laser Diode
logo
Renesas Technology Corp
NDL7001L RENESAS-NDL7001L Datasheet
188Kb / 10P
   LASER DIODE
1995
NDL7103 RENESAS-NDL7103 Datasheet
177Kb / 8P
   LASER DIODE
1995
NDL7163 RENESAS-NDL7163 Datasheet
178Kb / 8P
   LASER DIODE
1995
NDL7400P RENESAS-NDL7400P Datasheet
188Kb / 10P
   LASER DIODE
1996
NDL7514P RENESAS-NDL7514P Datasheet
198Kb / 10P
   LASER DIODE
1995
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com