Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS5413 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS5413
Szczegółowy opis  SINGLE 12-BIT, 65-MSPS IF SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS5413 Arkusz danych(HTML) 4 Page - Texas Instruments

  ADS5413 Datasheet HTML 1Page - Texas Instruments ADS5413 Datasheet HTML 2Page - Texas Instruments ADS5413 Datasheet HTML 3Page - Texas Instruments ADS5413 Datasheet HTML 4Page - Texas Instruments ADS5413 Datasheet HTML 5Page - Texas Instruments ADS5413 Datasheet HTML 6Page - Texas Instruments ADS5413 Datasheet HTML 7Page - Texas Instruments ADS5413 Datasheet HTML 8Page - Texas Instruments ADS5413 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ADS5413
SLWS153 − DECEMBER 2003
www.ti.com
4
ELECTRICAL CHARACTERISTICS (CONTINUED)
over operating free-air temperature range, clock frequency = 65 MSPS, 50% clock duty cycle (AVDD = OVDD = 3.3 V), duty cylce adjust off,
internal reference, AIN = −1 dBFS, 1.2-VPP square differential clock (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE (Continued)
fIN = 14 MHz
90
fIN = 39 MHz
90
HD2
Second order harmonic
fIN = 70 MHz
90
dBc
HD2
Second order harmonic
fIN = 150 MHz
83
dBc
fIN = 220 MHz
72
fIN = 14 MHz
77.5
fIN = 39 MHz
79
HD3
Third order harmonic
fIN = 70 MHz
81
dBc
HD3
Third order harmonic
fIN = 150 MHz
69
dBc
fIN = 220 MHz
77
Two tone IMD rejection, A1,2 = −7 dBFS
f1 = 220 MHz,
f2 = 225 MHz
69
dBc
Analog input bandwidth
−3 dB BW respect to −3 dBFS input at low
frequency
1
GHz
TIMING CHARACTERISTICS
25
°C, CL = 10 pF
MIN
TYP
MAX
UNIT
t
Aperture delay
2
ns
td(A)
Aperture jitter
0.4
ps
td(Pipe)
Latency
6
Cycles
td1
Propagation delay from clock input to beginning of data stable(1)
DCS off OVDD 1 8 V
8
ns
td2
Propagation delay from clock input to end of data stable(1)
DCS off, OVDD = 1.8 V
20.3
ns
td1
Propagation delay from clock input to beginning of data stable(1)
DCS off OVDD 3 3 V
7
ns
td2
Propagation delay from clock input to end of data stable(1)
DCS off, OVDD = 3.3 V
20.3
ns
td1
Propagation delay from clock input to beginning of data stable(1)
DCS on OVDD 1 8 V
10
ns
td2
Propagation delay from clock input to end of data stable(1)
DCS on, OVDD = 1.8 V
22.3
ns
td1
Propagation delay from clock input to beginning of data stable(1)
DCS on OVDD 3 3 V
9
ns
td2
Propagation delay from clock input to end of data stable(1)
DCS on, OVDD = 3.3 V
22.3
ns
(1) Data stable if VO < 10% OVDD or VO > 90% OVDD
TIMING DIAGRAM
VINP
CLK
D[0:11]
Data N−7
tw(H)
tw(L)
td(A)
Sample N
tc
td2(O)
td(Pipe)
Data N−6
Data N−5
Data N−4
Data N−3
Data N−2
Data N−1
Data N
Data N+1
Data N+2
td1(O)
Figure 1. ADS5413 Timing Diagram


Podobny numer części - ADS5413

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5413-11 TI-ADS5413-11 Datasheet
311Kb / 19P
[Old version datasheet]   SINGLE 11-BIT, 65-MSPS HIGH IF SAMPLING
ADS5413-11IPHP TI-ADS5413-11IPHP Datasheet
311Kb / 19P
[Old version datasheet]   SINGLE 11-BIT, 65-MSPS HIGH IF SAMPLING
ADS5413-11IPHP TI1-ADS5413-11IPHP Datasheet
345Kb / 20P
[Old version datasheet]   SINGLE 11-BIT 65MSPS HIGH ANALLOG-TO-DIGITAL CONVERTER
ADS5413-11IPHPG4 TI1-ADS5413-11IPHPG4 Datasheet
345Kb / 20P
[Old version datasheet]   SINGLE 11-BIT 65MSPS HIGH ANALLOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS5413

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
THS1240 TI-THS1240 Datasheet
450Kb / 20P
[Old version datasheet]   12-BIT 40 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD6640 AD-AD6640 Datasheet
488Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. 0
AD6640 AD-AD6640_15 Datasheet
2Mb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD6640ASTZ AD-AD6640ASTZ Datasheet
920Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
logo
Texas Instruments
THS1050 TI-THS1050 Datasheet
397Kb / 20P
[Old version datasheet]   10-BIT 50 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
THS1060 TI-THS1060 Datasheet
353Kb / 21P
[Old version datasheet]   10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
ADS5413-11 TI-ADS5413-11 Datasheet
311Kb / 19P
[Old version datasheet]   SINGLE 11-BIT, 65-MSPS HIGH IF SAMPLING
ADS5401 TI1-ADS5401_16 Datasheet
1Mb / 49P
[Old version datasheet]   Single 12-Bit 800-Msps Analog-to-Digital Converter
logo
Analog Devices
AD6644 AD-AD6644_15 Datasheet
836Kb / 24P
   14-Bit, 40 MSPS/65 MSPS Analog-to-Digital Converter
REV. D
logo
NXP Semiconductors
TDA8769 PHILIPS-TDA8769 Datasheet
227Kb / 28P
   12-bit, 60/80/105 Msps Analog-to-Digital Converter (ADC) Nyquist/high IF sampling
2003 Dec 09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com