Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN604MX Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części FAN604MX
Szczegółowy opis   Quasi-Resonant PWM Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN604MX Arkusz danych(HTML) 6 Page - ON Semiconductor

Back Button FAN604MX Datasheet HTML 2Page - ON Semiconductor FAN604MX Datasheet HTML 3Page - ON Semiconductor FAN604MX Datasheet HTML 4Page - ON Semiconductor FAN604MX Datasheet HTML 5Page - ON Semiconductor FAN604MX Datasheet HTML 6Page - ON Semiconductor FAN604MX Datasheet HTML 7Page - ON Semiconductor FAN604MX Datasheet HTML 8Page - ON Semiconductor FAN604MX Datasheet HTML 9Page - ON Semiconductor FAN604MX Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
FAN604
www.onsemi.com
5
ELECTRICAL CHARACTERISTICS
For typical values TJ = 25°C, for min/max values TJ = -40°C to 125°C, VDD = 15 V; unless otherwise noted.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
HV Section
Supply Current Drawn from HV Pin
VHV=120 V, VDD=0 V
IHV
1.2
2.0
10
mA
Leakage Current Drawn from HV Pin
VHV=500 V, VDD=VDD-OFF+1 V
IHV-LC
0
0.8
10
μA
Brown-In Threshold Voltage
RHV=150kΩ, VIN =80VAC
VBrown-IN
100
110
120
V
VDD Section
Turn-On Threshold Voltage
VDD Rising
VDD-ON
15.3
17.2
18.7
V
Turn-Off Threshold Voltage
VDD Falling
VDD-OFF
5.0
5.5
5.7
V
Threshold Voltage for HV Startup
TJ = 25C
VDD-HV-ON
4.1
4.7
5.4
V
Startup Current
VDD=VDD-ON-0.16 V
IDD-ST
-
300
450
μA
Operating Supply Current
VCS=5.0 V, VVS=3 V, VFB=3 V
CGATE=1nF
IDD-OP
-
2
3
mA
Burst-Mode Operating Supply Current
VCS=0.3 V, VVS=0 V, VFB=0 V;
VDD=VDD-ONVDD-OVP10 V,
CGATE=1nF
IDD-Burst
-
300
600
μA
VDD Over-Voltage-Protection Level
TJ = 25C
VVDD-OVP
27.5
29.0
29.5
V
VDD Over-Voltage-Protection Debounce Time
tD-VDDOVP
-
70
105
μs
Oscillator Section
Maximum Blanking Frequency
VFB > VFB-BNK-H
fBNK-MAX
125
130
135
kHz
Minimum Blanking Frequency
VFB < VFB-BNK-L
fBNK-MIN
16.5
18.5
20.5
kHz
Minimum Frequency
VVS = 1V
fOSC-MIN
15
17
19
kHz
Forced Frequency Modulation Range
VFB> VFB-Burst--H
Δt
FM-Range
210
265
310
ns
Forced Frequency Modulation Period
Δt
FM-Period
2.1
2.5
2.9
ms
Feedback Input Section
FB Pin Input Impedance
ZFB
39
42
45
k
Ω
Internal Voltage Attenuator of FB Pin (Note 5)
AV
1/3
1/3.5
1/4
V/V
FB Pin Pull-Up Voltage
FB Pin Open
VFB-Open
4.55
5.25
5.90
V
Frequency Foldback Starting/Stopping VFB
TJ = 25C
VFB-BNK-H
2.10
2.25
2.40
V
TJ = 25C
VFB-BNK-L
1.10
1.25
1.40
V
FB Threshold to Enable/Disable Gate Drive in
Burst Mode
VFB Rising
VFB-Burst-H
0.65
0.75
0.85
V
VFB Falling
VFB-Burst-L
0.60
0.70
0.80
V


Podobny numer części - FAN604MX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FAN604H ONSEMI-FAN604H Datasheet
891Kb / 13P
   Motion SPM 5 Series
Rev. 1.2
FAN604P ONSEMI-FAN604P Datasheet
322Kb / 20P
   Offline Quasi-Resonant PWM Controller
June, 2019 ??Rev. P0
FAN604PMX ONSEMI-FAN604PMX Datasheet
322Kb / 20P
   Offline Quasi-Resonant PWM Controller
June, 2019 ??Rev. P0
More results

Podobny opis - FAN604MX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
ICE2QS03 INFINEON-ICE2QS03 Datasheet
803Kb / 19P
   Quasi-Resonant PWM Controller
Ver 2.0, December 4, 2009
logo
Diodes Incorporated
AP3302 DIODES-AP3302 Datasheet
624Kb / 17P
   QUASI-RESONANT PWM CONTROLLER
AP3303 DIODES-AP3303 Datasheet
844Kb / 16P
   QUASI-RESONANT PWM CONTROLLER
May 2019
logo
Infineon Technologies A...
ICE2QS01 INFINEON-ICE2QS01 Datasheet
361Kb / 17P
   Quasi-resonant PWM Controller
Version 2.1, 26 Oct 2007
ICE2QS03 INFINEON-ICE2QS03_11 Datasheet
637Kb / 19P
   Quasi-Resonant PWM Controller
Version 2.1, April 21, 2011
logo
SYNC POWER Crop.
SP6878 SYNC-POWER-SP6878 Datasheet
432Kb / 8P
   Quasi-Resonant PWM Controller
logo
Infineon Technologies A...
ICE2QS03G INFINEON-ICE2QS03G Datasheet
701Kb / 19P
   Quasi-Resonant PWM Controller
Ver 2.1, February 5, 2010
logo
Diodes Incorporated
AP3301 DIODES-AP3301 Datasheet
568Kb / 16P
   QUASI-RESONANT PWM CONTROLLER
logo
Infineon Technologies A...
ICE2QS02G INFINEON-ICE2QS02G Datasheet
416Kb / 17P
   Quasi-Resonant PWM Controller
Version 2.0, 13 June 2008
logo
Active-Semi, Inc
ACT511 ACTIVE-SEMI-ACT511 Datasheet
171Kb / 4P
   ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com