Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN6204A Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części FAN6204A
Szczegółowy opis  Synchronous Rectification Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN6204A Arkusz danych(HTML) 6 Page - ON Semiconductor

Back Button FAN6204A Datasheet HTML 2Page - ON Semiconductor FAN6204A Datasheet HTML 3Page - ON Semiconductor FAN6204A Datasheet HTML 4Page - ON Semiconductor FAN6204A Datasheet HTML 5Page - ON Semiconductor FAN6204A Datasheet HTML 6Page - ON Semiconductor FAN6204A Datasheet HTML 7Page - ON Semiconductor FAN6204A Datasheet HTML 8Page - ON Semiconductor FAN6204A Datasheet HTML 9Page - ON Semiconductor FAN6204A Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
© 2015 Semiconductor Components Industries, LLC.
www.onsemi.com
FAN6204A
• Rev. 1.1
5
Electrical Characteristics
VDD=15 V and TA=25°C unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VOP
Continuously Operating Voltage
VDD-
OFF
28.5
V
VDD-ON
Turn-On Threshold Voltage
4.3
4.8
5.3
V
VDD-OFF
Turn-Off Threshold Voltage
4.0
4.5
5.0
V
VDD-HYST
VDD-ON
– VDD-OFF
0.1
0.3
0.5
V
IDD-OP
Operating Current
VDD=15 V, LPC=50 kHz, MOSFET
CISS=6000 pF
7
8
mA
IDD-GREEN
Operating Current in Green Mode
VDD=15 V
1.1
1.3
mA
IDD-ST
Startup Current
VDD< VDD-ON
150
200
A
VDD-OVP
VDD Over-Voltage Protection
26.0
27.5
28.5
V
VDD-OVP-HYST Hysteresis Voltage for VDD OVP
1.8
2.1
2.4
V
tVDD-OVP
VDD OVP Debounce Time
40
70
100
s
Output Driver Section
VZ
Gate Output Clamp Voltage
10
12
14
V
VOL
Output Voltage Low
VDD=6 V, IO=50 mA
0.5
V
VOH
Output Voltage High
VDD=6 V, IO=50 mA
4
V
tR
Rising Time
VDD=12 V, CL=6 nF, OUT=2 V~9 V
30
70
120
ns
VDD=6 V, CL=6 nF, OUT=0.4 V~4 V
70
120
170
ns
tF
Falling Time
VDD=12 V, CL=6 nF, OUT=9 V~2 V
20
50
100
ns
VDD=6 V, CL=6 nF, OUT=4 V~0.4 V
20
90
130
ns
tPD_HIGH_LPC
Propagation Delay to Turn-on
Gate (LPC Trigger)
tR: 0 V~2 V, VDD=12 V
250
ns
tPD_LOW_LPC
Propagation Delay to Turn-off
Gate (LPC Trigger)(3)
tF: 100%~90%, VDD=12 V
180
ns
tMAX-PERIOD
Limitation between LPC Rising Edge to Gate Falling Edge
22.5
25.0
28.0
s
VPMOS-ON
Internal PMOS Turn-On to Pull-HIGH Gate(3)
8.3
V
VPMOS-ON-
HYS
Hysteresis Voltage On(3)
0.9
V
tINHIBIT
Gate Inhibit Time
M2 Option (Enable)
1.6
2.2
2.8
s
VGATE-PULL-
HIGH
Gate Pull-HIGH Voltage
VDD=5 V
4.5
V
LPC Section
tBNK
Blanking Time for Charging CT
400
500
600
ns
tDELAY-COMP
Sampling Continuous Time for tBNK Compensation(3)
1
s
VLPC-SOURCE LPC Lower Clamp Voltage
Source ILPC=5 µA
0.1
0.2
0.3
V
ILPC-SOURCE
LPC Source Current
VLPC=0 V
40
80
120
A
VLPC-EN
Threshold Voltage to Enabled SR
Switching
VLPC-EN=VLPC-HIGH x 0.83 at VLPC-
HIGH
x 0.83< 2 V, VO=15 V,
VO=VDD, VLPC-HIGH=1.2 V
0.85
1.00
1.15
V
VEN-CLAMP
Threshold Clamp Voltage to
Enable SR Switching
VLPC-EN=2 V at VLPC-HIGH x 0.83 >
2 V
2
V
VLPC-TH-HIGH
Threshold Voltage on LPC Rising
Edge
Decrease VLPC from 0.05
Vo+0.05, VO=15 V, VO=VDD
0.7
0.8
0.9
V
tBNK-DIS
Blanking Time at the Falling Edge
of VLPC
Prevent LPC Spike to Turn-Off
Gate
350
ns


Podobny numer części - FAN6204A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN6204 FAIRCHILD-FAN6204 Datasheet
814Kb / 14P
   Synchronous Rectification Controller
FAN6204MY FAIRCHILD-FAN6204MY Datasheet
814Kb / 14P
   Synchronous Rectification Controller
More results

Podobny opis - FAN6204A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN6204 FAIRCHILD-FAN6204 Datasheet
814Kb / 14P
   Synchronous Rectification Controller
logo
ON Semiconductor
FAN6224 ONSEMI-FAN6224 Datasheet
1Mb / 20P
   Synchronous Rectification Controller
September 2015 Rev. 1.4
logo
Diodes Incorporated
AR2003FV DIODES-AR2003FV Datasheet
733Kb / 15P
   ACTIVE/SYNCHRONOUS RECTIFICATION CONTROLLER
December 2014
AR2003FV DIODES-AR2003FV_15 Datasheet
733Kb / 15P
   ACTIVE/SYNCHRONOUS RECTIFICATION CONTROLLER
APR343 DIODES-APR343 Datasheet
473Kb / 12P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
logo
ON Semiconductor
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
   Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Diodes Incorporated
APR345 DIODES-APR345 Datasheet
429Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
logo
International Rectifier
IR1161LPBF IRF-IR1161LPBF_15 Datasheet
991Kb / 25P
   Secondary side synchronous rectification controller
logo
Diodes Incorporated
APR340 DIODES-APR340 Datasheet
578Kb / 9P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev. 3 - 2 May 2021
APR349 DIODES-APR349 Datasheet
531Kb / 10P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev. 2 - 2 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com