Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN6292MX Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części FAN6292MX
Szczegółowy opis  Compact Secondary-Side Synchronous Rectifier Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN6292MX Arkusz danych(HTML) 2 Page - ON Semiconductor

  FAN6292MX Datasheet HTML 1Page - ON Semiconductor FAN6292MX Datasheet HTML 2Page - ON Semiconductor FAN6292MX Datasheet HTML 3Page - ON Semiconductor FAN6292MX Datasheet HTML 4Page - ON Semiconductor FAN6292MX Datasheet HTML 5Page - ON Semiconductor FAN6292MX Datasheet HTML 6Page - ON Semiconductor FAN6292MX Datasheet HTML 7Page - ON Semiconductor FAN6292MX Datasheet HTML 8Page - ON Semiconductor FAN6292MX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
© Semiconductor Components Industries, LLC, 2016
1
Publication Order Number:
February 2017- Rev. 1.0
FAN6292BMX/FAN6292MX
FAN6292BMX/FAN6292MX
Compact Secondary-Side
Synchronous Rectifier Control
with USB Type-C Control
FAN6292BMX/FAN6292MX are highly integrated, secondary-side
power adaptor controllers compatible with Type-C control. Internally
adopted synchronous rectifier control helps for less BOM counts as well
as easy design.
FAN6292BMX/FAN6292MX are also a source only USB Type-C
controllers which are optimized for mobile chargers and power adapters.
It supports standard 3 A VBUS current level. N-Channel MOSFET is
compatible as a load switch, and helps to reduce BOM cost.
FAN6292BMX/FAN6292MX incorporate adaptive output under-voltage
protection to improve system reliability.
Features
Type-C Control for Standard 3 A VBUS Current
N-Channel MOSFET Control as a Type-C Load Switch
Internal Synchronous Rectifier Control Circuit
Protections for Safe Operation; Output Under-Voltage-Protection
Typical Applications
Battery Chargers for Smart Phones, Feature Phones, and Tablet PCs
AC-DC Adapters for Portable Devices that Require CV/CC Control
www.onsemi.com
1
8
TSSOP-8
MARKING DIAGRAM
ZXYTT
6292
TM
1st Line:
F: Corporate Logo
Z: Assembly Plant Code
X: Year Code
Y: Week Code
TT: Die Run Code
2nd Line:
6292 : IC Part Name for
FAN6292MX
6292B: IC Part Name for
FAN6292BMX
3rd Line:
T: Package Type (M=SOIC)
M: Manufacture Flow Code
PIN CONNECTIONS
CC2
BLD
/ AUX
CC1
GND
1
2
7
8
LGATE
LPC
6
3
VIN
GATE
5
4
(TOP View)
ORDERING INFORMATION
See detailed ordering and shipping information in the
package dimensions section on page 13 of this data sheet.


Podobny numer części - FAN6292MX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FAN6292CMX ONSEMI-FAN6292CMX Datasheet
235Kb / 14P
   Secondary Side Synchronous Rectifier Controller for Flyback Converters
February, 2019 ??Rev. 1
More results

Podobny opis - FAN6292MX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN6208 FAIRCHILD-FAN6208 Datasheet
1Mb / 18P
   Secondary-Side Synchronous Rectifier Controller
logo
Linear Technology
LT8309 LINER-LT8309_15 Datasheet
232Kb / 14P
   Secondary-Side Synchronous Rectifier Driver
logo
Grenergy Opto, lnc.
GR8387 GRENERGY-GR8387 Datasheet
601Kb / 11P
   Secondary Side Synchronous Rectifier Controller
logo
ON Semiconductor
NCP4390 ONSEMI-NCP4390_V01 Datasheet
769Kb / 30P
   Advanced Secondary Side LLC Resonant Converter Controller with Synchronous Rectifier Control
November, 2021 - Rev. 2
NCP4390 ONSEMI-NCP4390 Datasheet
694Kb / 30P
   Advanced Secondary Side LLC Resonant Converter Controller with Synchronous Rectifier Control
June, 2020 ??Rev. 1
FAN6240 ONSEMI-FAN6240 Datasheet
521Kb / 10P
   Secondary-Side Synchronous Rectifier Controller Flyback Converters
July 2016 Rev. 1.0
logo
International Rectifier
IRLH5030PBF IRF-IRLH5030PBF_15 Datasheet
258Kb / 9P
   Secondary Side Synchronous Rectification
IRLH7134PBF IRF-IRLH7134PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5406PBF IRF-IRFH5406PBF_15 Datasheet
239Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5104PBF IRF-IRFH5104PBF Datasheet
313Kb / 8P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com